Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNA-286 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SNA-286
Description  DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SNA-286 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SNA-286 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 2Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 3Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
EDS-102431 Rev A
Preliminary
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
SNA-286 DC-6.0 GHz Cascadable MMIC Amplifier
5
5.5
6
6.5
7
0.1
0.5
1
1.5
2
3
4
6
Noise Figure vs. Frequency
dB
GHz
|S11| vs. Frequency
|S21| vs. Frequency
|S12| vs. Frequency
|S22| vs. Frequency
TOIP vs. Frequency
-30
-25
-20
-15
-10
-5
0
0.1
0.5
1
1.5
23
46
-20
-15
-10
-5
0
0.1
0.5
1
1.5
2
3
4
6
10
12
14
16
0.1
0.5
1
1.5
23
46
-30
-25
-20
-15
-10
-5
0
0.1
0.5
1
1.5
2
3
4
6
24
25
26
27
28
0.1
0.5
1
1.5
2
3
4
6
dB
GHz
dB
dBm
dB
dB
GHz
GHz
GHz
GHz
Typical Performance at 25° C (Vds = 3.8V, Ids = 50mA)
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
iv
e
D
I(
D)5
7
A
m
.
x
a
M
e
c
iv
e
D
V
(
e
g
a
tl
o
V
D)V
6
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
0
1
+
.
x
a
M
p
m
e
T
n
o
it
c
n
u
J
T
(
.
J)
+
0
5
1
C
°
p
m
e
T
g
n
it
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
iv
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
,
n
o
it
a
r
e
p
o
s
u
o
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
ix
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
tl
o
v
e
c
iv
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
if
i
c
e
p
s
s
e
u
l
a
v
g
n
it
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l-
j
,


Similar Part No. - SNA-286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
   DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
More results

Similar Description - SNA-286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
   DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
   DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
   DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
   DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-576 STANFORD-SNA-576 Datasheet
88Kb / 3P
   DC-3 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200 SIRENZA-SNA-200 Datasheet
173Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-300 SIRENZA-SNA-300 Datasheet
213Kb / 3P
   DC-3 GHz, Cascadable GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com