Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7572J-20 Datasheet(PDF) 10 Page - Anachip Corp

Part # PA7572J-20
Description  Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7572J-20 Datasheet(HTML) 10 Page - Anachip Corp

Back Button PA7572J-20 Datasheet HTML 2Page - Anachip Corp PA7572J-20 Datasheet HTML 3Page - Anachip Corp PA7572J-20 Datasheet HTML 4Page - Anachip Corp PA7572J-20 Datasheet HTML 5Page - Anachip Corp PA7572J-20 Datasheet HTML 6Page - Anachip Corp PA7572J-20 Datasheet HTML 7Page - Anachip Corp PA7572J-20 Datasheet HTML 8Page - Anachip Corp PA7572J-20 Datasheet HTML 9Page - Anachip Corp PA7572J-20 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
10/10
Table 6. Ordering Information
Part Number
Speed
Temperature
Package
PA7572P-20 (L)
P40
PA7572F-20 (L)
F44
PA7572J-20 (L)
13/20ns
C
J44
PA7572PI-20 (L)
P40
PA7572FI-20 (L)
F44
PA7572JI-20 (L)
13/20ns
I
J44
Figure 17. Part Number
Device
Suffix
PA7572J-20X
Package
P = 600mil DIP
F = Thin Quad Flat Pack (TQFP)
Temperature Range
(Blank) = Commercial 0 to 70oC
I = Industrial -40 to +85oC
Speed
-20 = 13ns/20ns tpd/tpdx
Lead Free
Blank : Normal
L : Lead Free Package
J = Plastic (J) Leaded Chip Carrier (PLCC)
Anachip Corp.
Head Office,
2F, No. 24-2, Industry E. Rd. IV, Science-Based
Industrial Park, Hsinchu, 300, Taiwan
Tel: +886-3-5678234
Fax: +886-3-5678368
Anachip USA
780 Montague Expressway, #201
San Jose, CA 95131
Tel: (408) 321-9600
Fax: (408) 321-9696
Email: sales_usa@anachip.com
Website: http://www.anachip.com
©2004 Anachip Corp.
Anachip reserves the right to make changes in specifications at any time and without notice. The information furnished by
Anachip in this publication is believed to be accurate and reliable. However, there is no responsibility assumed by Anachip
for its use nor for any infringements of patents or other rights of third parties resulting from its use. No license is granted
under any patents or patent rights of Anachip. Anachip’s products are not authorized for use as critical components in life
support devices or systems.
Marks bearing
© or ™ are registered trademarks and trademarks of Anachip Corp.


Similar Part No. - PA7572J-20

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7572J-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com