Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA7572P-20L Datasheet(PDF) 8 Page - Anachip Corp

Part # PA7572P-20L
Description  Programmable Electrically Erasable Logic Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PA7572P-20L Datasheet(HTML) 8 Page - Anachip Corp

Back Button PA7572P-20L Datasheet HTML 2Page - Anachip Corp PA7572P-20L Datasheet HTML 3Page - Anachip Corp PA7572P-20L Datasheet HTML 4Page - Anachip Corp PA7572P-20L Datasheet HTML 5Page - Anachip Corp PA7572P-20L Datasheet HTML 6Page - Anachip Corp PA7572P-20L Datasheet HTML 7Page - Anachip Corp PA7572P-20L Datasheet HTML 8Page - Anachip Corp PA7572P-20L Datasheet HTML 9Page - Anachip Corp PA7572P-20L Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
8/10
Table 5. A.C. Electrical Characteristics Sequential
-20/I-20
Symbol
Parameter
6,1
Min
Max
Unit
tSCI
Internal set-up to system clock
8 - LCC14
(tAL + tSK + tLC - tCK)
8
ns
tSCX
Input
16 (EXT.) set-up to system clock, - LCC (tIA + tSCI)
10
ns
tCOI
System-clock to Array Int. - LCC/IOC/INC
14 (tCK +tLC)
7
ns
tCOX
System-clock to Output Ext. - LCC (tCOI + tLO)
12
ns
tHX
Input hold time from system clock - LCC
0
ns
tSK
LCC Input set-up to async. clock
13 - LCC
1
ns
tAK
Clock at LCC or IOC - LCC output
1
ns
tHK
LCC input hold time from system clock - LCC
4
ns
tSI
Input set-up to system clock - IOC/INC
14 (tSK - tCK)
0
ns
tHI
Input hold time from system clock - IOC/INC (tSK - tCK)
5
ns
tPK
Array input to IOC PCLK clock
9
ns
tSPI
Input set-up to PCLK clock
17 - IOC/INC (tSK-tPK-tIA)
0
ns
tHPI
Input hold from PCLK clock
17 - IOC/INC (tPK+tIA-tSK)
10
ns
tSD
Input set-up to system clock - IOC/INC Sum-D
(tIA + tAL + tLC + tSK - tCK)
10
ns
tHD
Input hold time from system clock - IOC Sum-D
0
ns
tSDP
Input set-up to PCLK clock - IOC Sum-D
15
(tIA + tAL + tLC + tSK - tPK)
7
ns
tHDP
Input hold time from PCLK clock - IOC Sum-D
0
ns
tCK
System-clock delay to LCC/IOC/INC
6
ns
tCW
System-clock low or high pulse width
7
ns
fMAX1
Max. system-clock frequency Int/Int 1/(tSCI + tCOI)
66.6
MHz
fMAX2
Max. system-clock frequency Ext/Int 1/(tSCX + tCOI)
58.8
MHz
fMAX3
Max. system-clock frequency Int/Ext 1/(tSCI + tCOX)
50.0
MHz
fMAX4
Max. system-clock frequency Ext/Ext 1/(tSCX + tCOX)
45.4
MHz
fTGL
Max. system-clock toggle frequency 1/(tCW + tCW)
9
71.4
MHz
tPR
LCC presents/reset to LCC output
1
ns
tST
Input to Global Cell present/reset (tIA + tAL + tPR)
15
ns
tAW
Asynch. preset/reset pulse width
8
ns
tRT
Input to LCC Reg-Type (RT)
8
ns
tRTV
LCC Reg-Type to LCC output register change
1
ns
tRTC
Input to Global Cell register-type change (tRT + tRTV)
9
ns
tRW
Asynch. Reg-Type pulse width
10
ns
tRESET
Power-on reset time for registers in clear state
2
5
µs


Similar Part No. - PA7572P-20L

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA75 APEX-PA75 Datasheet
337Kb / 4P
   DUAL POWER OPERATIONAL AMPLIFIERS
PA75 CIRRUS-PA75 Datasheet
176Kb / 4P
   Dual Power Operational Amplifiers
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522-H12-A-T UTC-PA7522-H12-A-T Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results

Similar Description - PA7572P-20L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA7024 ETC-PA7024 Datasheet
427Kb / 6P
   Programmable Electrically Erasable Logic Array
logo
Anachip Corp
PA7536 ANACHIP-PA7536 Datasheet
246Kb / 10P
   PEEL Array-TM Programmable Electrically Erasable Logic Array
PA7540 ANACHIP-PA7540 Datasheet
239Kb / 10P
   PA7540 PEEL Array Programmable Electrically Erasable Logic Array
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com