Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145017 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC145017
Description  Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145017 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC145017 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145017 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Sensors
4
Freescale Semiconductor
MC145017
Figure 3. Typical LED Output I–V Characteristic
Figure 4. Typical Comparator Output I–V Characteristic
Figure 5. Typical P Horn Driver Output I–V Characteristic
DEVICE OPERATION
Timing
The internal oscillator of the MC145017 operates with a
period of 1.65 seconds during no-smoke conditions. Each
1.65 seconds, internal power is applied to the entire IC and a
check is made for smoke, except during LED pulse, Low
Battery Alarm Chirp, or Horn Modulation (in smoke). Every 24
clock cycles a check is made for low battery by comparing
VDD to an internal zener voltage. Since very small currents
are used in the oscillator, the oscillator capacitor should be of
a low leakage type.
Detect Circuitry
If smoke is detected, the oscillator period becomes
41.67 ms and the piezoelectric horn oscillator circuit is
enabled. The horn output is modulated 500 ms on, 500 ms
off. During the off time, smoke is again checked and will
inhibit further horn output if no smoke is sensed. During
smoke conditions the low battery alarm is inhibited, but the
LED pulses at a 1.0 Hz rate.
An active guard is provided on both pins adjacent to the
detect input. The voltage at these pins will be within 100 mV
of the input signal. This will keep surface leakage currents to
a minimum and provide a method of measuring the input
voltage without loading the ionization chamber. The active
guard op amp is not power strobed and thus gives constant
protection from surface leakage currents. Pin 15 (the Detect
input) has internal diode protection against static damage.
Sensitivity/Low Battery Thresholds
Both the sensitivity threshold and the low battery voltage
levels are set internally by a common voltage divider (please
see Figure 2) connected between VDD and VSS. These
voltages can be altered by external resistors connected from
pins 3 or 13 to either VDD or VSS. There will be a slight
interaction here due to the common voltage divider network.
The sensitivity threshold can also be set by adjusting the
smoke chamber ionization source.
Test Mode
Since the internal op amps and comparators are power
strobed, adjustments for sensitivity or low battery level could
be difficult and/or time-consuming. By forcing Pin 12 to VSS,
the power strobing is bypassed and the outputs, Pins 1 and
4, constantly show smoke/no smoke and good battery/low
0
1
2
3
4
5
678
9
10
0.1
1.0
10.0
100.0
VDS, Drain To Source Voltage (Vdc)
01
2
3
4
5
6
7
8
9
10
0.01
0.1
1.0
10.0
VDS, Drain To Source Voltage (Vdc)
VDD = 9.0 Vdc
VDD = 7.2 Vdc
TA = 25°C
VDD = 9.0 Vdc or 7.2 Vdc
TA = 25°C
P-CH Source
And N-CH Sink
Current
0
1
2
3
4
5
678
9
10
1.0
10.0
100.0
1000.0
VDS, Drain To Source Voltage (Vdc)
VDD = 9.0 Vdc
TA = 25°C
VDD = 7.2 Vdc
P-CH Source Current
0
1
2
3
4
5
678
9
10
1.0
10.0
100.0
1000.0
VDS, Drain To Source Voltage (Vdc)
VDD = 9.0 Vdc
VDD = 7.2 Vdc
TA = 25°C
N-CH Sink Current


Similar Part No. - MC145017

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017ED FREESCALE-MC145017ED Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017P FREESCALE-MC145017P Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
More results

Similar Description - MC145017

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com