Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T4016C3B-RB70 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K6T4016C3B-RB70
Description  256Kx16 bit Low Power CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4016C3B-RB70 Datasheet(HTML) 4 Page - Samsung semiconductor

  K6T4016C3B-RB70 Datasheet HTML 1Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 2Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 3Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 4Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 5Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 6Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 7Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 8Page - Samsung semiconductor K6T4016C3B-RB70 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
K6T4016C3B Family
CMOS SRAM
Revision 5.0
May 2001
4
RECOMMENDED DC OPERATING CONDITIONS1)
Note:
1. Commercial Product: TA=0 to 70
°C, otherwise specified
Industrial Product: TA=-40 to 85
°C, otherwise specified
2. Overshoot: VCC+3.0V in case of pulse width
≤ 30ns
3. Undershoot: -3.0V in case of pulse width
≤ 30ns
4. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
Vcc
4.5
5.0
5.5
V
Ground
Vss
0
0
0
V
Input high voltage
VIH
2.2
-
Vcc+0.52)
V
Input low voltage
VIL
-0.53)
-
0.8
V
CAPACITANCE1) (f=1MHz, TA=25
°C)
1. Capacitance is sampled, not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
10
pF
DC AND OPERATING CHARACTERISTICS
1. Industrial Product = 50
µA
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=Vss to Vcc
-1
-
1
µA
Output leakage current
ILO
CS=VIH or OE=VIH or WE=VIL, VIO=Vss to Vcc
-1
-
1
µA
Operating power supply
ICC
IIO=0mA, CS=VIL, VIN=VIL or VIH, Read
-
-
15
mA
Average operating current
ICC1
Cycle time=1
µs, 100% duty, IIO=0mA
CS
≤0.2V, VIN≤0.2V or VIN≥Vcc-0.2V
Read
-
-
15
mA
Write
-
-
75
ICC2
Cycle time=Min, 100% duty, IIO=0mA, CS=VIL, VIN=VIH or VIL
-
-
130
mA
Output low voltage
VOL
IOL=2.1mA
-
-
0.4
V
Output high voltage
VOH
IOH=-1.0mA
2.4
-
-
V
Standby Current (TTL)
ISB
CS=VIH, Other inputs=VIL or VIH
-
-
3
mA
Standby Current(CMOS)
ISB1
CS
≥Vcc-0.2V, Other inputs=0~Vcc
-
-
201)
µA


Similar Part No. - K6T4016C3B-RB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3C SAMSUNG-K6T4016C3C Datasheet
148Kb / 9P
   CMOS SRAM
More results

Similar Description - K6T4016C3B-RB70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com