Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-LIS3L02AS4TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # E-LIS3L02AS4TR
Description  MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-LIS3L02AS4TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button E-LIS3L02AS4TR Datasheet HTML 2Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 3Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 4Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 5Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 6Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 7Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 8Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 9Page - STMicroelectronics E-LIS3L02AS4TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LIS3L02AS4
6/14
4
Functionality
The LIS3L02AS4 is a high performance, low-power, analog output three axes linear accelerometer packaged
in a SO24 package. The complete device includes a sensing element and an IC interface able to take the infor-
mation from the sensing element and to provide an analog signal to the external world.
4.1 Sensing element
A proprietary process is used to create a surface micro-machined accelerometer. The technology allows to carry
out suspended silicon structures which are attached to the substrate in a few points called anchors and are free
to move in the direction of the sensed acceleration. To be compatible with the traditional packaging techniques
a cap is placed on top of the sensing element to avoid blocking the moving parts during the moulding phase of
the plastic encapsulation.
When an acceleration is applied to the sensor the proof mass displaces from its nominal position, causing an
imbalance in the capacitive half-bridge. This imbalance is measured using charge integration in response to a
voltage pulse applied to the sense capacitor.
At steady state the nominal value of the capacitors are few pF and when an acceleration is applied the maximum
variation of the capacitive load is up to 100fF.
4.2 IC Interface
In order to increase robustness and immunity against external disturbances the complete signal processing
chain uses a fully differential structure. The final stage converts the differential signal into a single-ended one to
be compatible with the external world.
The signals of the sensing element are multiplexed and fed into a low-noise capacitive charge amplifier that im-
plements a Correlated Double Sampling (CDS) at its output to cancel the offset and the 1/f noise. The output
signal is de-multiplexed and transferred to three different S&Hs, one for each channel and made available to
the outside.
The low noise input amplifier operates at 200 kHz while the three S&Hs operate at a sampling frequency of 66
kHz. This allows a large oversampling ratio, which leads to in-band noise reduction and to an accurate output
waveform.
All the analog parameters (zero-g level, sensitivity and self-test) are ratiometric to the supply voltage. Increasing
or decreasing the supply voltage, the sensitivity and the offset will increase or decrease almost linearly. The self
test voltage change varies cubically with the supply voltage
4.3 Factory calibration
The IC interface is factory calibrated for Sensitivity (So) and Zero-g Level (Voff). The trimming values are stored
inside the device by a non volatile structure. Any time the device is turned on, the trimming parameters are
downloaded into the registers to be employed during the normal operation. This allows the user to employ the
device without further calibration.


Similar Part No. - E-LIS3L02AS4TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-LIS2L02AS4 STMICROELECTRONICS-E-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
E-LIS2L02AS4TR STMICROELECTRONICS-E-LIS2L02AS4TR Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
More results

Similar Description - E-LIS3L02AS4TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L02AQ5 STMICROELECTRONICS-LIS3L02AQ5 Datasheet
199Kb / 15P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AS4 STMICROELECTRONICS-LIS2L02AS4 Datasheet
231Kb / 14P
   MEMS INERTIAL SENSOR: 2-Axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS2L02AQ3 STMICROELECTRONICS-LIS2L02AQ3 Datasheet
227Kb / 17P
   MEMS INERTIAL SENSOR: 2-axis - 짹2g/짹6g LINEAR ACCELEROMETER
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL_08 Datasheet
672Kb / 48P
   MEMS inertial sensor 3-axis - 짹2g/짹6g digital output low voltage linear accelerometer
LIS3LV02DL STMICROELECTRONICS-LIS3LV02DL Datasheet
317Kb / 36P
   MEMS INERTIAL SENSOR 3-Axis - 짹2g/짹6g Digital Output Low Voltage Linear Accelerometer
February 2006 Rev 1
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
   MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
LIS344ALH STMICROELECTRONICS-LIS344ALH Datasheet
174Kb / 16P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS344ALH_0804 STMICROELECTRONICS-LIS344ALH_0804 Datasheet
220Kb / 19P
   MEMS inertial sensor high performance 3-axis 짹2/짹6g ultracompact linear accelerometer
LIS331AL STMICROELECTRONICS-LIS331AL Datasheet
187Kb / 16P
   MEMS inertial sensor: 3-axis - 짹2g analog output ?쐍ano??accelerometer
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
   MEMS inertial sensor 3-axis ultracompact linear accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com