Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

H1061 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part No. H1061
Description  TRIPLE DIFFUSED SILICON NPN TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

H1061 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  H1061 Datasheet HTML 1Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
H1061
 PMC Components Pte Ltd. , Singapore, 2000
TRIPLE DIFFUSED SILICON NPN TRANSISTOR
… designed for low frequency power amplifier
MAXIMUM RATINGS
Characteristic
Symbol
Value
Unit
Collector Base Voltage
VCBO
100
V
Collector Emitter Voltage
VCEO
80
V
Emitter Base Voltage
VEBO
5
V
Collector Current (DC)
IC
4
A
Collector Current (Peak)
IC
8
A
Collector power Dissipation
PC
40
W
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55~150
°C
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector Cut Off Current
ICBO
VCB = 80V, IE = 0A
-
-
100
µA
Collector – Emitter Breakdown Voltage
V(BR)CEO
IC = 50mA, IB = 0A
80
-
-
V
DC Current Gain
hFE
VCE = 4V, IC = 1A
VCE = 4V, IC = 0.1A
60
35
-
-
200
-
-
-
Collector Emitter Saturation Voltage
VCE(sat)
IC = 2A, IB = 0.2A
-
-
1
V
Base Emitter Voltage
VBE
VCE = 4V, IC = 1A
-
-
1.5
V
Transition Frequency
fT
VCE = 5V, IC = 0.5A
-
10
-
MHz
Collector Out put Capacitance
Cob
VCB = 20V, IE = 0A, f=1MHz
-
40
-
Pf
Classification of hFE
Rank
B
C
Range
60 to 120
100-200
P
MC reserves the right to make changes without further notice to any products herein. PMC makes no warranty, representation or guarantee regarding the
suitability of its products for any particular purpose, nor does
P
MC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation consequential damages. The examples of applied circuits are provided as reference to the
reader therefore we shall not undertake any responsibility for the exercise of rights by third parties.
HIGH POWER
DISSIPATION
MEDIUM SPEED
POWER
SWITCHING
TO – 220AB
1 : Base
2 : Collector (Heat Sink)
3 : Emitter
Unit in mm
TO-220AB
Weight: 1.9g


Similar Part No. - H1061

ManufacturerPart No.DatasheetDescription
Pulse A Technitrol Company
Pulse A Technitrol Comp...
H1060NL PULSE-H1060NL Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
H1060NL PULSE-H1060NL Datasheet
702Kb / 4P
   10/100Base-TX Quad Port Transformer Modules
H1062 PULSE-H1062 Datasheet
190Kb / 5P
   10/100BASE-TX QUAD PORT TRANSFORMER MODULES
H1062NL PULSE-H1062NL Datasheet
190Kb / 5P
   10/100BASE-TX QUAD PORT TRANSFORMER MODULES
H1062NL PULSE-H1062NL Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
More results

Similar Description - H1061

ManufacturerPart No.DatasheetDescription
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
JILIN SINO-MICROELECTRONICS CO., LTD.
JILIN SINO-MICROELECTRO...
2SC5200 JSMC-2SC5200 Datasheet
571Kb / 8P
   Silicon NPN Triple Diffused Transistor
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
2SC510 NJSEMI-2SC510 Datasheet
196Kb / 3P
   SILICON NPN TRIPLE DIFFUSED TRANSISTOR
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
   NPN Silicon Triple Diffused Transistor
List of Unclassifed Manufacturers
List of Unclassifed Man...
2SD1311 ETC-2SD1311 Datasheet
31Kb / 1P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
Guangdong Kexin Industrial Co.,Ltd
Guangdong Kexin Industr...
2SC3405 KEXIN-2SC3405 Datasheet
43Kb / 1P
   NPN Silicon Triple Diffused Transistor
Renesas Technology Corp
Renesas Technology Corp
2SC3631-Z RENESAS-2SC3631-Z_15 Datasheet
753Kb / 6P
   NPN SILICON TRIPLE DIFFUSED TRANSISTOR
Hitachi Semiconductor
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
Wing Shing Computer Components
Wing Shing Computer Com...
2SD1555 WINGS-2SD1555 Datasheet
29Kb / 1P
   NPN TRIPLE DIFFUSED(PLANAR SILICON TRANSISTOR)
List of Unclassifed Manufacturers
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
   NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz