Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6030A4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6030A4
Description  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6030A4 Datasheet HTML 6Page - Texas Instruments TPA6030A4 Datasheet HTML 7Page - Texas Instruments TPA6030A4 Datasheet HTML 8Page - Texas Instruments TPA6030A4 Datasheet HTML 9Page - Texas Instruments TPA6030A4 Datasheet HTML 10Page - Texas Instruments TPA6030A4 Datasheet HTML 11Page - Texas Instruments TPA6030A4 Datasheet HTML 12Page - Texas Instruments TPA6030A4 Datasheet HTML 13Page - Texas Instruments TPA6030A4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPA6030A4
SLOS395A – DECEMBER 2002 – REVISED JANUARY 2003
www.ti.com
10
Figure 9
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
COMMON-MODE REJECTION RATIO
vs
COMMON-MODE INPUT VOLTAGE
VIC – Common-Mode Input Voltage – VPP
Volume = 0.4 dB,
32
Ω SE, CO = 100 µF
Volume = 0.53 dB,
16
Ω BTL
VCC = 15 V,
f = 1 kHz,
CI = 0.47 µF
Figure 10
0
5
10
15
20
25
30
35
40
10
100
1 k
10 k
100 k
0
Volume = 36 dB, CI = 470 µF
Phase, CI = 470 µF
Volume = 36 dB, CI = 0.47 µF
Phase, CI = 0.47 µF
VCC = 12 V,
PO = 2 W BTL,
RL = 16 Ω
f – Frequency – Hz
CLOSED LOOP RESPONSE (BTL)
vs
FREQUENCY
–50
°
–100
°
–150
°
–200
°
–250
°
Figure 11
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
4
5
POWER DISSIPATION
vs
OUTPUT POWER (PER CHANNEL)
PO – Output Power (Per Channel) – W
VCC = 12 V
VCC = 15 V
RL = 16 Ω
Mono Operation
BTL
VCC = 7 V
Figure 12
500
300
100
0
–40
–20
0
600
700
Volume – dB
INPUT RESISTANCE
vs
VOLUME
900
20
40
200
400
800
VCC = 12 V,
BTL Configuration,
16
Ω Load


Similar Part No. - TPA6030A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPG4 TI-TPA6030A4PWPG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPR TI-TPA6030A4PWPR Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4PWPRG4 TI-TPA6030A4PWPRG4 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6030A4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4_07 Datasheet
683Kb / 30P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com