Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI8435DB Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part No. SI8435DB
Description  Dual P-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

SI8435DB Datasheet(HTML) 2 Page - Vaishali Semiconductor

  SI8435DB Datasheet HTML 1Page - Vaishali Semiconductor SI8435DB Datasheet HTML 2Page - Vaishali Semiconductor SI8435DB Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Vishay Siliconix
SPICE Device Model Si8435DB
www.vishay.com
Document Number: 74145
S-52479
Rev. A, 12-Dec-05
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 µA
0.80
V
On-State Drain Current
a
ID(on)
VDS ≤ −5 V, VGS = −4.5 V
60
A
VGS = −4.5 V, ID = −3.3 A
0.063
0.060
VGS = −2.5 V, ID = −2.8 A
0.082
0.083
Drain-Source On-State Resistance
a
rDS(on)
VGS = −1.8 V, ID = −0.76 A
0.107
0.108
Forward Transconductance
a
gfs
VDS = −10 V, ID = −3.3 A
11
9
S
Diode Forward Voltage
a
VSD
IS = −1 A, VGS = 0 V
−0.78
−0.80
V
Dynamic
b
Total Gate Charge
Qg
5
5.5
Gate-Source Charge
Qgs
0.75
0.75
Gate-Drain Charge
Qgd
VDS = −10 V, VGS = −4.5 V, ID = −4.6 A
1.5
1.5
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn