Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4569DY Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part No. SI4569DY
Description  N- and P-Channel 40-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SI4569DY Datasheet(HTML) 1 Page - Vaishali Semiconductor

  SI4569DY Datasheet HTML 1Page - Vaishali Semiconductor SI4569DY Datasheet HTML 2Page - Vaishali Semiconductor SI4569DY Datasheet HTML 3Page - Vaishali Semiconductor SI4569DY Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay Siliconix
SPICE Device Model Si4569DY
N- and P-Channel 40-V (D-S) MOSFET
CHARACTERISTICS
• N- and P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The attached spice model describes the typical electrical
characteristics of the n- and p-channel vertical DMOS.
The
subcircuit
model
is
extracted
and
optimized
over
the
−55 to 125°C temperature ranges under the pulsed 0-V to 10-V gate
drive. The saturated output impedance is best fit at the gate bias
near the threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
1
www.vishay.com
Document Number: 74183
S-60744
Rev. A, 08-May-06


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4567DY Dual N- and P-Channel 40-V D-S MOSFET 1  2  3  4  Vaishali Semiconductor
73224 N- and P-Channel 40-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI2319DS P-Channel 40-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6552DQ Dual N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3585DV N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vaishali Semiconductor
SI4401DY P-Channel 40-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4401BDY P-Channel 40-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn