Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16245K Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI74AVC16245K
Description  2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16245K Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI74AVC16245K Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 9Page - Pericom Semiconductor Corporation PI74AVC16245K Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PI74AVC+16245
2.5V16-BitBidirectional
Transceiverwith 3-StateOutputs
9
PS8524
12/10/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PARAMETERMEASUREMENTINFORMATION
VCC = 3.3V ±0.3V
LoadCircuit
VoltageWaveforms
PropagationDelayTimes
VoltageWaveforms
Enable and Disable Times
VoltageWaveforms
PulseDuration
t
s
e
T1
S
t d
p
t Z
L
P t/ L
Z
P
t Z
H
P
t/ H
Z
P
n
e
p
O
V
x
2
C
C
D
N
G
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input impulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50Ω, tR ≤ 2.0ns, tF ≤ 2.0ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis
F. tPZL and tPZH are the same as ten
G. tPLH and tPHL are the same as tpd
Figure4.LoadCircuitandVoltageWaveforms
2
2
2xVCC
Open
GND
S1
From Output
Under Test
CL = 15pF
(See Note A)
tPZL
Output
Control
(Low Level
Enabling)
0V
VCC/2
VCC/2
VCC/2
VCC/2
tPLZ
tPHZ
VOL
VCC
0V
tPZH
+0.1V
–0.1V
Output
Waveform 1
S1 at 2 x VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOH
VOH
VOL
VCC
Input
tPLH
tPHL
0V
Output
VOH
VOL
VCC/2
VCC/2
VCC/2
VCC
VCC/2
Input
tW
VCC/2
VCC
VCC/2
0V
Data
Input
tsu
th
VCC/2
VCC
VCC/2
0V
VCC
0V
Timing
Input
VCC/2
VoltageWaveforms
Setup and Hold Times
500Ω
500Ω
0.3V
0.3V
30


Similar Part No. - PI74AVC16245K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16245K PERICOM-PI74AVC16245K Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74AVC16245KE PERICOM-PI74AVC16245KE Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
More results

Similar Description - PI74AVC16245K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16245 PERICOM-PI74AVC16245_06 Datasheet
355Kb / 11P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74VCX16245 PERICOM-PI74VCX16245 Datasheet
199Kb / 7P
   2.5V 16-Bit Bidirectional Transceiver with 3-State Outputs
PI74ALVTC16245 PERICOM-PI74ALVTC16245 Datasheet
213Kb / 10P
   16-Bit BiDirectional Transceiver with 3-State Outputs
logo
Micro Linear Corporatio...
ML65F16245 MICRO-LINEAR-ML65F16245 Datasheet
209Kb / 10P
   16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Pericom Semiconductor C...
PI74ALVCH16245 PERICOM-PI74ALVCH16245 Datasheet
319Kb / 4P
   3.3V 16-Bit Bidirectional Transceiver with 3-State Outputs
logo
Potato Semiconductor Co...
PO74G16245B POTATO-PO74G16245B_14 Datasheet
1Mb / 6P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
PO74G16245B POTATO-PO74G16245B Datasheet
650Kb / 7P
   1.2v-3.6v, 16-bit Bidirectional Transceiver with 3 state outputs
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com