Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA82400L Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # MA82400L
Description  Silicon planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA82400L Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MA82400L Datasheet HTML 1Page - Panasonic Semiconductor MA82400L Datasheet HTML 2Page - Panasonic Semiconductor MA82400L Datasheet HTML 3Page - Panasonic Semiconductor MA82400L Datasheet HTML 4Page - Panasonic Semiconductor MA82400L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Zener Diodes
IZ  VZ
0.001
02468
10
12
0.01
0.1
1
10
0.005
0.05
0.5
5
50
100
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Charac-
teristics
IZ  VZ
0.001
0
1020304050
60
0.01
0.1
1
10
0.005
0.05
0.5
5
50
100
Zener voltage V
Z
(V)
Tj
= 25°C
Dynamic
Charac-
teristics
RZ  IZ
1
10
100
5
50
500
1 000
0.1
1
0.3
3
30
300
100
10
1 000
Zener current I
Z
(mA)
Ta
= 25°C
MAZ8047
MAZ8039
MAZ8051
MAZ8056
MAZ8062
MAZ8068
MAZ8160
MAZ8390
MAZ8024
MAZ8100
MAZ8082
MAZ8043
IF  VF
0.01
0
0.2
0.4
0.6
1.0
0.8
1.2
0.1
1
10
100
50
5
0.5
0.05
Forward voltage V
F
(V)
Ta
= 25°C
SZ  IZ
15
5
−5
20
25
0
10
010
20
40
50
30
Zener current I
Z
(mA)
MAZ8240
MAZ8160
MAZ8100
MAZ8068
MAZ8039
MAZ8024
PZSM  tW
1
5
10
50
100
0.1
0.5
100
10
1
0.1
0.01
0.05
0.5
5
50
Pulse width t
W
(S)
MAZ8039
MAZ8075
Ta
= 25°C
tW
Non repetitive
PZSM
Zth  tW
0.1
0.5
1
5
10
0.01
0.05
100
10
1
0.1
0.01
0.05
0.5
5
50
Pulse width t
W
(ms)
With head sink (Typ. value)
Without heat sink (Typ. value)
Heat sink
Copper foil 0.8 mm
× 0.8 mm
MAZ8000 Series


Similar Part No. - MA82400L

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA824D-05RU MPD-MA824D-05RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA824D-12RU MPD-MA824D-12RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA824D-15RU MPD-MA824D-15RU Datasheet
361Kb / 3P
   4:1 Input Range, 8W Single & Dual Output DC/DC Con vert ers
MA824D05RW MPD-MA824D05RW Datasheet
243Kb / 2P
   MA800RW SERIES
MA824D12RW MPD-MA824D12RW Datasheet
243Kb / 2P
   MA800RW SERIES
More results

Similar Description - MA82400L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com