Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR15SDW1T4G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NSR15SDW1T4G
Description  Dual RF Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR15SDW1T4G Datasheet(HTML) 4 Page - ON Semiconductor

  NSR15SDW1T4G Datasheet HTML 1Page - ON Semiconductor NSR15SDW1T4G Datasheet HTML 2Page - ON Semiconductor NSR15SDW1T4G Datasheet HTML 3Page - ON Semiconductor NSR15SDW1T4G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NSR15SDW1T1 NSR15SDW1T2
http://onsemi.com
4
PACKAGE DIMENSIONS
mm
inches
SCALE 20:1
0.65
0.025
0.65
0.025
0.50
0.0197
0.40
0.0157
1.9
0.0748
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419B−01 OBSOLETE, NEW STANDARD 419B−02.
E
0.2 (0.008) MM
12
3
D
e
A1
A
A3
C
L
65
4
−E−
b 6 PL
SC−88/SC70−6/SOT−363
CASE 419B−02
ISSUE W
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.95
1.10
A1
0.00
0.05
0.10
A3
b
0.10
0.21
0.30
C
0.10
0.14
0.25
D
1.80
2.00
2.20
0.031
0.037
0.043
0.000
0.002
0.004
0.004
0.008
0.012
0.004
0.005
0.010
0.070
0.078
0.086
MIN
NOM
MAX
INCHES
0.20 REF
0.008 REF
HE
HE
E
1.15
1.25
1.35
e
0.65 BSC
L
0.10
0.20
0.30
2.00
2.10
2.20
0.045
0.049
0.053
0.026 BSC
0.004
0.008
0.012
0.078
0.082
0.086
STYLE 21:
PIN 1. ANODE 1
2. N/C
3. ANODE 2
4. CATHODE 2
5. N/C
6. CATHODE 1
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NSR15SDW1T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSR15SDW1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
   1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
NSR15405NXT5G ONSEMI-NSR15405NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15ADXV6T1 ONSEMI-NSR15ADXV6T1 Datasheet
43Kb / 4P
   Dual RF Schottky Diode
June, 2004 ??Rev. 3
NSR15ADXV6T5 ONSEMI-NSR15ADXV6T5 Datasheet
43Kb / 4P
   Dual RF Schottky Diode
June, 2004 ??Rev. 3
More results

Similar Description - NSR15SDW1T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15DW1 ONSEMI-NSR15DW1 Datasheet
55Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 2
NSR15ADXV6T1 ONSEMI-NSR15ADXV6T1 Datasheet
43Kb / 4P
   Dual RF Schottky Diode
June, 2004 ??Rev. 3
NSR15TW1 ONSEMI-NSR15TW1 Datasheet
46Kb / 4P
   Triple RF Schottky Diode
February, 2002 ??Rev. 1
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
[Old version datasheet]   Dual Schottky Diode
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Infineon Technologies A...
BAT15-02LS INFINEON-BAT15-02LS Datasheet
350Kb / 11P
   Single silicon RF Schottky diode
v2.0 2018-06-30
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com