Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0230 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSR0230
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR0230 Datasheet(HTML) 2 Page - ON Semiconductor

  NSR0230 Datasheet HTML 1Page - ON Semiconductor NSR0230 Datasheet HTML 2Page - ON Semiconductor NSR0230 Datasheet HTML 3Page - ON Semiconductor NSR0230 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NSR0230M2T5G
http://onsemi.com
2
100
m
0
VR, REVERSE VOLTAGE (VOLTS)
10
m
1
m
100n
1n
510
15
20
25
20
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
510
15
30
TA = 125°C
TA = −25°C
1m
10m
30
25
20
6
8
10
0
0.1
0.2
0.3
0.4
0.5
0.6
1
m
10
m
100
m
1m
10m
100m
1
Figure 1. Forward Characteristics
VF, FORWARD VOLTAGE (V)
TA = 125°C
TA = 75°C
TA = 25°C
TA = 75°C
TA = 25°C
TA = −25°C
Figure 2. Reverse Characteristics
Figure 3. Total Capacitance
10n
14
16
18


Similar Part No. - NSR0230

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0230M2T5G ONSEMI-NSR0230M2T5G Datasheet
118Kb / 3P
   NSB9435T1G
November, 2011 ??Rev. 3
logo
TECH PUBLIC Electronics...
NSR0230M2T5G TECHPUBLIC-NSR0230M2T5G Datasheet
1,001Kb / 3P
   Schottky barrier diode
logo
ON Semiconductor
NSR0230P2 ONSEMI-NSR0230P2 Datasheet
90Kb / 3P
   Schottky Barrier Diode
September, 2013 ??Rev. 2
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
   Schottky Barrier Diode
October, 2006 ??Rev. 0
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
113Kb / 3P
   Schottky Barrier Diode
May, 2009 ??Rev. 1
More results

Similar Description - NSR0230

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com