Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR15ADXV6T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSR15ADXV6T1
Description  Dual RF Schottky Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR15ADXV6T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NSR15ADXV6T1 Datasheet HTML 1Page - ON Semiconductor NSR15ADXV6T1 Datasheet HTML 2Page - ON Semiconductor NSR15ADXV6T1 Datasheet HTML 3Page - ON Semiconductor NSR15ADXV6T1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
June, 2004 − Rev. 3
1
Publication Order Number:
NSR15ADXV6T1/D
NSR15ADXV6T1,
NSR15ADXV6T5
Dual RF
Schottky Diode
These diodes are designed for analog and digital applications,
including DC based signal detection and mixing applications.
Features
Low Capacitance (<1.0 pF)
Low V
F (390 mV Typical @ 1.0 mA)
Low V
F
D (1.0 mV Typical @ 1.0 mA)
These are Pb−Free Devices
Benefits
Reduced Parasitic Losses
Accurate Signal Measurement
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Peak Reverse Voltage
VR
15
V
Forward Current
IF
30
mA
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
ESD Rating:
Class 1 per Human Body Model
Class A per Machine Model
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
RF SCHOTTKY
BARRIER DIODES
15 VOLTS, 30 mA
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
NSR15ADXV6T1
SOT−563
4 mm pitch
4000 / Tape & Reel
SOT−563
CASE 463A
5R
= Specific Device Code
D
= Date Code
64
5
12
3
5RD
http://onsemi.com
NSR15ADXV6T5
SOT−563
2 mm pitch
8000 / Tape & Reel
1
6
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NSR15ADXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15304NXT5G ONSEMI-NSR15304NXT5G Datasheet
63Kb / 5P
   1.5 A, 30 V, Schottky Barrier Diode
July, 2016 ??Rev. 1
NSR15405NXT5G ONSEMI-NSR15405NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15406NXT5G ONSEMI-NSR15406NXT5G Datasheet
62Kb / 5P
   1.5 A, 40 V Schottky Barrier Diode
July, 2016 ??Rev. 0
NSR15DW1 ONSEMI-NSR15DW1 Datasheet
55Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 2
NSR15DW1T1 ONSEMI-NSR15DW1T1 Datasheet
55Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 2
More results

Similar Description - NSR15ADXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR15DW1 ONSEMI-NSR15DW1 Datasheet
55Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 2
NSR15SDW1T1 ONSEMI-NSR15SDW1T1 Datasheet
56Kb / 4P
   Dual RF Schottky Diode
May, 2006 ??Rev. 3
NSR15TW1 ONSEMI-NSR15TW1 Datasheet
46Kb / 4P
   Triple RF Schottky Diode
February, 2002 ??Rev. 1
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
[Old version datasheet]   Dual Schottky Diode
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
   DUAL SCHOTTKY DIODE
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
   Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
[Old version datasheet]   Dual Schottky Diode
logo
Infineon Technologies A...
BAT15-02LS INFINEON-BAT15-02LS Datasheet
350Kb / 11P
   Single silicon RF Schottky diode
v2.0 2018-06-30
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
   Silicon Dual Schottky Diode
logo
Advanced Semiconductor
5082-2279 ASI-5082-2279 Datasheet
18Kb / 1P
   SCHOTTKY BARRIER DUAL DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com