Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC50395 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC50395
Description  Six Decade Counter / Display Decoder Not Recommended for New Designs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC50395 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC50395 Datasheet HTML 1Page - Micrel Semiconductor MIC50395 Datasheet HTML 2Page - Micrel Semiconductor MIC50395 Datasheet HTML 3Page - Micrel Semiconductor MIC50395 Datasheet HTML 4Page - Micrel Semiconductor MIC50395 Datasheet HTML 5Page - Micrel Semiconductor MIC50395 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
8-8
August 1998
MIC50395/50396/50397
Micrel
Timing
COUNT
UP/DOWN
COUNT INHIBIT
STORE
CLEAR
COUNT
123456789
10
11
ZERO
CARRY
EQUAL
SCAN
LOAD COUNTER
LOAD REGISTER
t UDS
t UDS
t CIS
t CIS
t SS
t SPW
t PCW
t CS
t
OA
tOH
t
CH
t
CA
t
EA
t EH
t
L
t
L
Loading Counter, Register (1 Digit)
NOTE:
The inhibit function of the zero or equal outputs
does not end when the Load Counter input goes to
a “0” unless that transition occurs during interdigit
blanking period at least 2.0
µs prior to a positive
transition of a digit output. This same timing
restriction holds for Equal and Load Register.
COUNT INPUT
ZERO OUTPUT
t OH
t OA
CARRY OUTPUT
t CH
t CA
EQUAL OUTPUT
t EA
t EH
COUNT INPUT, CARRY
EQUAL, ZERO OUTPUT
INHIBITED DURING THIS
TIME
DIGIT OUTPUT 5 ETC
DIGIT OUTPUT 6
BCD DATA INPUT
LOAD COUNTER
OR REGISTER
t LS
t DV
t
LS
2.0
µs min NOTE: REF. TO POSITIVE
TRANSITION OF DIGIT OUTPUT
t
DV
2.0
µs min NOTE: REF. TO NEGATIVE
EDGE OF DIGIT OUTPUT


Similar Part No. - MIC50395

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC50398 MICREL-MIC50398 Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
MIC50398CN MICREL-MIC50398CN Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
MIC50399CN MICREL-MIC50399CN Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
More results

Similar Description - MIC50395

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK50395N ETC2-MK50395N Datasheet
9Mb / 22P
   SIX DECADE COUNTER / DISPLAY DECODER
logo
Micrel Semiconductor
MK50397 MICREL-MK50397 Datasheet
438Kb / 7P
   Six Decade Counter / Display Decoder
MIC50398 MICREL-MIC50398 Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com