Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGF4931AM Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. MGF4931AM
Description  SUPER LOW NOISE InGaAs HEMT (4pin flat lead package)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MGF4931AM Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MITSUBISHI SEMICONDUCTOR
<GaAs FET>
MGF4931AM
SUPER LOW NOISE InGaAs HEMT (4pin flat lead package)
MITSUBISHI
(1/5)
June/2004
June/2004
DESCRIPTION
The MGF4931AM super-low noise HEMT (High Electron Mobility
Transistor) is designed for use in S to Ku band amplifiers.
The 4pin flat lead package is small-thin size, and offers high
cost performance.
FEATURES
Low noise figure
@ f=12GHz
NFmin. = 0.6dB (Typ.)
High associated gain
@ f=12GHz
Gs = 11.5dB (Typ.)
APPLICATION
S to Ku band low noise amplifiers
QUALITY GRADE
GG
RECOMMENDED BIAS CONDITIONS
VDS=2V , ID=7.5mA
ORDERING INFORMATION
Tape & reel
3000pcs./reel
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C )
Symbol
Parameter
Ratings
Unit
VGDO
Gate to drain voltage
-4
V
VGSO
Gate to source voltage
-4
V
ID
Drain current
IDSS
mA
PT
Total power dissipation
50
mW
Tch
Channel temperature
125
°C
Tstg
Storage temperature
-55 to +125
°C
ELECTRICAL CHARACTERISTICS
(Ta=25
°C )
Symbol
Parameter
Test conditions
Limits
Unit
MIN.
TYP.
MAX
V(BR)GDO
Gate to drain breakdown voltage
IG=-10
µA
-3
--
--
V
IGSS
Gate to source leakage current
VGS=-2V,VDS=0V
--
--
50
µA
IDSS
Saturated drain current
VGS=0V,VDS=2V
10
--
60
mA
VGS(off)
Gate to source cut-off voltage
VDS=2V,ID=500
µA
-0.1
--
-1.5
V
Gs
Associated gain
VDS=2V,
10.0
11.5
--
dB
NFmin.
Minimum noise figure
ID=7.5mA,f=12GHz
--
0.6
0.8
dB
Outline Drawing
Fig.1
MITSUBISHI Proprietary
Not to be reproduced or disclosed
without permission by Mitsubishi Electric
Keep Safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making
semiconductor products better and more reliable , but there is always the
possibility that trouble may occur with them. Trouble with semiconductors
may lead to personal injury , fire or property damage. Remember to give due
consideration to safety when making your circuit designs , with appropriate
measure such as (I) placement of substitutive , auxiliary circuits , (ii) use of
non-flammble material or (iii) prevention against any malfunction or mishap.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4934AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4851ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ATF34143Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FHX04LGSuper Low Noise HEMT 1 2 3 4 5 Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn