Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MGF4931AM Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. MGF4931AM
Description  SUPER LOW NOISE InGaAs HEMT (4pin flat lead package)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

MGF4931AM Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUBISHI SEMICONDUCTOR
<GaAs FET>
MGF4931AM
SUPER LOW NOISE InGaAs HEMT (4pin flat lead package)
MITSUBISHI
(3/5)
June/2004
June/2004
TYPICAL CHARACTERISTICS
(Ta=25°C)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
5
10
15
20
Drain Current, ID (mA)
4
5
6
7
8
9
10
11
12
13
14
15
ID vs. VDS
ID vs. VGS
NF & Gs vs. ID
(f=12GHz, VDS=2V)
Gs
NF
0
10
20
30
40
50
-1.0
-0.5
0.0
Gate to Souce voltage, VGS(V)
0
10
20
30
40
50
0
1
2
3
4
Drain to Source voltage, VDS(V)
(VDS=2V)
(VGS=~0.1V/STEP)


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MGF4934AMSUPER LOW NOISE InGaAs HEMT 4pin flat lead package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4851ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF4953ASUPER LOW NOISE InGaAs HEMT Leadless Ceramic Package 1 2 3 4 5 Mitsubishi Electric Semiconductor
MGF491XGSUPER LOW NOISE InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4951ASUPER LOW NOISE InGaAs HEMT 1 2 3 4 Mitsubishi Electric Semiconductor
MGF431XGSuper Low Noise InGaAs HEMT 1 2 3 Mitsubishi Electric Semiconductor
MGF4910DTAPE CARRIER SUPER LOW NOISE INGAAS HEMT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ATF34143Low Noise Pseudomorphic HEMT in a Surface Mount Plastic Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
FHX04LGSuper Low Noise HEMT 1 2 3 4 5 Fujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn