Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STE0511D52RG Datasheet(PDF) 2 Page - Stanson Technology

Part # STE0511D52RG
Description  Single-line ESD Protection Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

STE0511D52RG Datasheet(HTML) 2 Page - Stanson Technology

  STE0511D52RG Datasheet HTML 1Page - Stanson Technology STE0511D52RG Datasheet HTML 2Page - Stanson Technology STE0511D52RG Datasheet HTML 3Page - Stanson Technology STE0511D52RG Datasheet HTML 4Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Single-line ESD Protection Array
STE0511
Working voltage 5V
OREDRING INFORMATION
Part Number
Package
STE0511D52RG
SOD-523
※ STE0511D52RG: Tape Reel; Pb-Free
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Peak Pulse Power (tp=8/20 us)
Ppk
250
W
Maximum Peak Pulse Currint (tp=8/20us)
Ipp
7
A
ESD per ICE 61000-4-2 (Air)
Vpp
+/-15
KV
ESD per ICE 61000-4-2 (Contact)
Vpp
+/-8
KV
Operating Junction Tempreature
Tj
-55~150
Storgae Temperature Range
TSTG
-55~150
Lead Soldering Temperature
TL
260(10sec)
ELECTRICAL CHARACTERISTICS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Conditions
Min
Typ Max Unit
Reverse Stand-Off Voltage
VRWM
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
8.5
V
Reverse Leakage Current
IR
VRWM=5V, T=25℃
0.01
1
uA
Reverse Leakage Current
IR
VRWM=3V, T=25℃
0.01
0.5
uA
Clamping Voltage
VC
Ipp=1A, tp=8/20us
11.5
V
Clamping Voltage
VC
Ipp=7A, tp=8/20us
15
V
Junction Capacitance
Cj
Between I/O Pin and GND
VR=0V, f 1MHz
20
30
pF
Page 2
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
TEL: (650) 9389294 FAX: (650) 9389295


Similar Part No. - STE0511D52RG

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STE0512 STANSON-STE0512 Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0512D52RG STANSON-STE0512D52RG Datasheet
83Kb / 5P
   Dual-Line ESD Protection Array
STE0514 STANSON-STE0514 Datasheet
87Kb / 6P
   Four-Line ESD Protection Array
STE0514D52RG STANSON-STE0514D52RG Datasheet
87Kb / 6P
   Four-Line ESD Protection Array
STE0515 STANSON-STE0515 Datasheet
88Kb / 5P
   Five-Line ESD Protection Array
More results

Similar Description - STE0511D52RG

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPE0599 SYNC-POWER-SPE0599 Datasheet
202Kb / 6P
   Single -Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531_11 Datasheet
188Kb / 6P
   Single-Line ESD Protection Array
SPE0562_0911 SYNC-POWER-SPE0562_0911 Datasheet
207Kb / 6P
   Single-Line ESD Protection Array
SPE0572 SYNC-POWER-SPE0572 Datasheet
212Kb / 6P
   Single-Line ESD Protection Array
logo
Nanjing International G...
SPE0572 DGNJDZ-SPE0572 Datasheet
345Kb / 5P
   Single-Line ESD Protection Array
logo
SYNC POWER Crop.
SPE0572 SYNC-POWER-SPE0572_11 Datasheet
192Kb / 6P
   Single-Line ESD Protection Array
SPE0531 SYNC-POWER-SPE0531 Datasheet
218Kb / 6P
   Single-Line ESD Protection Array
SPE0562 SYNC-POWER-SPE0562 Datasheet
238Kb / 6P
   Single-Line ESD Protection Array
SPE0311 SYNC-POWER-SPE0311 Datasheet
292Kb / 6P
   Single-Line ESD Protection Array
2019/06/12 Ver 1
SPE0521 SYNC-POWER-SPE0521 Datasheet
210Kb / 6P
   Single-Line ESD Protection Array
SPE0573 SYNC-POWER-SPE0573 Datasheet
220Kb / 6P
   Single-Line ESD Protection Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com