Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-511P8-TR2 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # ATF-511P8-TR2
Description  High Linearity Enhancement Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-511P8-TR2 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  ATF-511P8-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ATF-511P8-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Gamma Load and Source at Optimum OIP3 and P1dB Tuning Conditions
The device’s optimum OIP3 and P1dB measurements were determined using a load pull system at 4.5V,
200 mA quiesent bias:
Figure 7. Simplified schematic of production test board. Primary purpose is to show 15 Ohm series resistor placement in
gate supply. Transmission line tapers, tee intersections, bias lines and parasitic values are not shown.
RF Input
1.2 pF
1.2 pF
2.7 nH
1.8 nH
RF Output
50 Ohm
.02
λ
110 Ohm
.03
λ
110 Ohm
.03
λ
50 Ohm
.02
λ
DUT
15 nH
15 Ohm
2.2
µF
Gate
DC Supply
47 nH
2.2
µF
Drain
DC Supply
Optimum OIP3
Freq
Gamma Source
Gamma Load
OIP3
Gain
P1dB
PAE
(GHz)
Mag
Ang
Mag
Ang
(dBm)
(dB)
(dBm)
(%)
0.9
0.776
152
0.549
-178
43.3
17.94
29.63
63.8
2.0
0.872
-171
0.683
-179
43.1
15.06
30.12
66.8
2.4
0.893
-162
0.715
-174
42.8
14.03
29.90
64.5
3.9
0.765
-132
0.574
-144
41.7
9.47
29.02
52
Optimum P1dB
Freq
Gamma Source
Gamma Load
OIP3
Gain
P1dB
PAE
(GHz)
Mag
Ang
Mag
Ang
(dBm)
(dB)
(dBm)
(%)
0.9
0.773
153
0.784
-173
38.0
19.28
31.9
54.23
2.0
0.691
147
0.841
-166
36.4
10.34
31.4
38.15
2.4
0.797
164
0.827
-166
36.2
8.43
31.2
37.38
3.9
0.602
-163
0.794
-155
35.4
7.03
31
32.72


Similar Part No. - ATF-511P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
logo
Broadcom Corporation.
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results

Similar Description - ATF-511P8-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ATF-531P8 AVAGO-ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode
ATF-511P8 AVAGO-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode
ATF-521P8 AVAGO-ATF-521P8_15 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode
ATF-501P8 AVAGO-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode
ATF-52189 AVAGO-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode Enhancement
logo
Broadcom Corporation.
ATF-52189 BOARDCOM-ATF-52189 Datasheet
425Kb / 19P
   High Linearity Mode[1] Enhancement
ATF-511P8 BOARDCOM-ATF-511P8 Datasheet
472Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-531P8ATF-531P8 BOARDCOM-ATF-531P8ATF-531P8 Datasheet
267Kb / 15P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-521P8 BOARDCOM-ATF-521P8 Datasheet
336Kb / 23P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
ATF-501P8 BOARDCOM-ATF-501P8 Datasheet
804Kb / 22P
   High Linearity Enhancement Mode[1] Pseudomorphic HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com