Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDNS-2100 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HDNS-2100
Description  Solid-State Optical Mouse Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDNS-2100 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HDNS-2100 Datasheet HTML 1Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Agilent ADNK-2620
Solid-State Optical Mouse Sensor
Sample Kit
Kit Components
See table below.
Sensor
The sensor technical information
is contained in the ADNS-2620
Data Sheet.
Lens
The lens information is contained
in the HDNS-2100/HDNS-
2100#001 Data Sheet.
LED Assembly Clip
The assembly information is con-
tained in the HDNS-2200/HDNS-
2200#001 Technical Data Sheet.
LED
Information on the LED is con-
tained in the HLMP-ED80-XXXXX
Data Sheet.
Base Plate Feature IGES File
The IGES file provides recom-
mended base plate molding fea-
tures to ensure optical alignment.
Part Number
Description
Name
Quantity
ADNS-2620
Solid-State Optical Mouse
Sensor
5
Sensor
HDNS-2100
Lens Plate (Round Lens)
Lens
5
HDNS-2100#001
Lens Plate (Trimmed Lens)
Lens
5
HDNS-2200
LED Assembly Clip (Black Clip)
LED Clip
5
HDNS-2200#001
LED Assembly Clip (Clear Clip)
LED Clip
5
HLMP-ED80-XXXXX
639 nm T 13/4 (5 mm) Diameter
LED
5
LED
Documentation
ADNS-2620 Data Sheet
1
Documentation
HDNS-2100/HDNS-2100#001
1
Data Sheet
Documentation
HDNS-2200/HDNS-2200#001
1
Data Sheet
Documentation
HLMP-ED80-XXXXX LED
1
Data Sheet
Floppy Diskette
Base Plate Feature IGES File
1
www.agilent.com/semiconductors
For product information and a complete list of
distributors, please go to our web site.
For technical assistance call:
Americas/Canada: +1 (800) 235-0312 or
(408) 654-8675
Europe: +49 (0) 6441 92460
China: 10800 650 0017
Hong Kong: (+65) 6271 2451
India, Australia, New Zealand: (+65) 6271 2394
Japan: (+81 3) 3335-8152(Domestic/Interna-
tional), or 0120-61-1280(Domestic Only)
Korea: (+65) 6271 2194
Malaysia, Singapore: (+65) 6271 2054
Taiwan: (+65) 6271 2654
Data subject to change.
Copyright © 2002 Agilent Technologies, Inc.
Obsoletes 5988-7919EN
December 6, 2002
5988-8489EN


Similar Part No. - HDNS-2100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
203Kb / 12P
   Optical Mouse Sensor
logo
Analog Devices
HDNS-2100 AD-HDNS-2100 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
HDNS-2100 AVAGO-HDNS-2100 Datasheet
588Kb / 40P
   Optical Mouse Sensor
More results

Similar Description - HDNS-2100

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ADNK-5000 BOARDCOM-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNK-2052 HP-ADNK-2052 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5000 AVAGO-ADNK-5000 Datasheet
63Kb / 1P
   Solid-State Optical Mouse Sensor
logo
Analog Devices
ADNK-2030 AD-ADNK-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
Agilent(Hewlett-Packard...
HDNS-2100 HP-HDNS-2100 Datasheet
172Kb / 2P
   Solid-State Optical Mouse Lens
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5100 AVAGO-ADNS-5100 Datasheet
228Kb / 4P
   Solid-State Optical Mouse Lens
ADNS-2120 AVAGO-ADNS-2120 Datasheet
123Kb / 4P
   Solid-State Optical Mouse Lens
logo
ELM Electronics
ELM701 ELM-ELM701 Datasheet
21Kb / 3P
   Solid State Mouse
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com