Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD55035STR1-E Datasheet(PDF) 17 Page - STMicroelectronics

Part # PD55035STR1-E
Description  35 W, 12.5 V, HF to 1 GHz RF power LDMOS transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035STR1-E Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PD55035STR1-E Datasheet HTML 10Page - STMicroelectronics PD55035STR1-E Datasheet HTML 11Page - STMicroelectronics PD55035STR1-E Datasheet HTML 12Page - STMicroelectronics PD55035STR1-E Datasheet HTML 13Page - STMicroelectronics PD55035STR1-E Datasheet HTML 14Page - STMicroelectronics PD55035STR1-E Datasheet HTML 15Page - STMicroelectronics PD55035STR1-E Datasheet HTML 16Page - STMicroelectronics PD55035STR1-E Datasheet HTML 17Page - STMicroelectronics PD55035STR1-E Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Contents
1
Electrical data .....................................................................2
2
Electrical characteristics...........................................................3
3
Impedance data....................................................................4
4
Typical performances ..............................................................5
5
Test circuit ........................................................................7
6
Typical performances 175 MHz.....................................................8
7
Test circuit 175 MHz ...............................................................9
8
Common source s-parameter .....................................................10
9
Package information..............................................................14
9.1
PowerSO-10RF (straight lead) package information ................................ 15
Revision history .......................................................................16
PD55035STR1-E
Contents
DS13938 - Rev 1
page 17/18


Similar Part No. - PD55035STR1-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55035STR-E STMICROELECTRONICS-PD55035STR-E Datasheet
402Kb / 22P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
More results

Similar Description - PD55035STR1-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56060 STMICROELECTRONICS-SD56060 Datasheet
242Kb / 13P
   60 W, 28 V, HF to 1 GHz RF power LDMOS transistor
December 2021 Rev 2
RF4L10700CB4 STMICROELECTRONICS-RF4L10700CB4 Datasheet
525Kb / 11P
   700 W, 40 V, HF to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF3L05200CB4 STMICROELECTRONICS-RF3L05200CB4 Datasheet
1Mb / 12P
   200 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
RF3L05150CB4 STMICROELECTRONICS-RF3L05150CB4 Datasheet
1Mb / 16P
   150 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
Rev 3 - March 2021
RF3L05250CB4 STMICROELECTRONICS-RF3L05250CB4 Datasheet
490Kb / 12P
   250 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
ST05250 STMICROELECTRONICS-ST05250 Datasheet
599Kb / 17P
   250 W, 28/32 V, HF to 1 GHz, RF Power LDMOS transistor
March 2021 Rev 4
RF3L05400CB4 STMICROELECTRONICS-RF3L05400CB4 Datasheet
1Mb / 12P
   400 W, 28/32 V, HF to 1 GHz RF power LDMOS transistor
October 2021 Rev 2
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
   10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
May 2021 Rev 3
RF5L15030CB2 STMICROELECTRONICS-RF5L15030CB2 Datasheet
926Kb / 12P
   30 W, 50 V, HF to 1.5 GHz RF power LDMOS transistor
September 2021 Rev 2
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
   200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
April 2021 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com