Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRIS-A6151 Datasheet(PDF) 3 Page - International Rectifier

Part No. IRIS-A6151
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-A6151 Datasheet(HTML) 3 Page - International Rectifier

  IRIS-A6151 Datasheet HTML 1Page - International Rectifier IRIS-A6151 Datasheet HTML 2Page - International Rectifier IRIS-A6151 Datasheet HTML 3Page - International Rectifier IRIS-A6151 Datasheet HTML 4Page - International Rectifier IRIS-A6151 Datasheet HTML 5Page - International Rectifier IRIS-A6151 Datasheet HTML 6Page - International Rectifier IRIS-A6151 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25℃, Vin=20V,unless otherwise specified)
MIN
TYP
MAX
VCC(ON)
Operation start voltage
16
17.5
19.2
V
VCC=0→19.2V
VCC(OFF)
Operation stop voltage
9
10
11
V
VCC=19.2→9.V
ICC(ON)
Circuit current in operation
-
-
4
mA
-
ICC(OFF)
Circuit current in non-operation
-
-
50
µA
VCC=14V
VCC(bias)
Auto bias threshold voltage
9.6
10.6
11.6
V
VCC=20→9.6V
-
Vcc(bias) - Vcc(OFF)
0.2
-
-
V
-
TOFF(MAX) Maximum OFF time
7.3
8
8.7
µsec
-
VOCP
O.C.P. threshold voltage
0.69
0.77
0.86
V
-
Tbw
Leading edge blanking time
200
320
480
nsec
-
Vburst
Burst threshold voltage
0.7
0.79
0.88
V
-
VOLP
O.L.P. threshold voltage
6.5
7.2
7.9
V
-
IOLP
Out-flow current at O.L.P operation
18
26
35
µA
-
IFB(MAX) Maximum F.B. current
227
300
388
µA
-
ISTARTUP Startup current
340
790
1230
µA
VCC=15V
ISTART(leak) Startup circuit leakage current
-
-
30
µA
-
VCC(OVP) O.V.P operation voltage
28.7
31.2
34.1
V
VCC=0→34.1V
VCC(La.OFF) Latch circuit release voltage
*6
6.6
7.3
8
V
VCC=34.1→6.6V
Tj(TSD)
Thermal shutdown operating temperature
135
-
-
-
Definition
Symbol
ICC(H)
-
-
200
Latch circuit sustaining current *6
Ratings
VCC=34.1→8.5V
Units
Test
Conditions
µA
Electrical Characteristics (for MOSFET)
*6 The latch circuit means a circuit operated O.V.P and T.S.D.
(Ta=25℃) unless otherwise specified
MIN
TYP
MAX
ID=300µA
V1-3=0V(short)
VDS =650V
V1-3=0V(short)
RDS(ON) On-resistance
-
-
4
Ω
ID=0.4A
tf
Switching time
-
-
250
nsec
-
Between channel and
internal frame
Units
Test Conditions
Drain-to-Source breakdown voltage
V
Definition
Symbol
µA
Drain leakage current
IDSS
-
VDSS
650
-
-
Ratings
-
300
-52
℃/W
Thermal resistance
*7
θch-F
-
*7 Internal frame temperature (TF) is measured at the root of the Pin 3.
IRIS-A6151


Similar Part No. - IRIS-A6151

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-A6159 IRF-IRIS-A6159 Datasheet
394Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-A6151

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4011 IRF-IRIS4011 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS-F6456S IRF-IRIS-F6456S Datasheet
274Kb / 7P
   INTEGRATED SWITCHER
IRIS4009 IRF-IRIS4009 Datasheet
58Kb / 6P
   INTEGRATED SWITCHER
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz