Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRIS-A6151 Datasheet(PDF) 2 Page - International Rectifier

Part No. IRIS-A6151
Description  INTEGRATED SWITCHER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRIS-A6151 Datasheet(HTML) 2 Page - International Rectifier

  IRIS-A6151 Datasheet HTML 1Page - International Rectifier IRIS-A6151 Datasheet HTML 2Page - International Rectifier IRIS-A6151 Datasheet HTML 3Page - International Rectifier IRIS-A6151 Datasheet HTML 4Page - International Rectifier IRIS-A6151 Datasheet HTML 5Page - International Rectifier IRIS-A6151 Datasheet HTML 6Page - International Rectifier IRIS-A6151 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.irf.com
2
*1 Refer to MOSFET A.S.O curve
*2 Refer to MOSFET Tch-EAS curve
*3 Refer to MOSFET Ta-PD1 curve
*4 Refer to TF-PD2 curve for Control IC
*5 When embedding this hybrid IC onto the printed circuit board (board size 15mm×15mm)
Absolute Maximum Ratings (Ta=25℃
)
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are
absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power
dissipation ratings are measured under board mounted and still air conditions.
IRIS-A6151
Symbol
Definition
Terminals Max. Ratings
Units
Note
IDpeak
Drain Current
*1
8-3
2.5
A
Single Pulse
V1-3=0.86V
Ta=-20~+125℃
Single Pulse
VDD=99V,L=20mH
IL=2.5A
VOCP
O.C.P. pin Voltage
1-3
-0.5~6
V
VCC
Input voltage for control part
2-3
35
V
VFB/OLP
F.B/O.L.P pin voltage
4-3
-0.5~10
V
Vstartup
Startup pin voltage
5-3
-0.3~600
V
PD1
Power dissipation for MOSFET *3
8-3
1.35
W
*5
Power dissipation for control part
(Control IC) *4
Internal frame temperature
Refer to recommended
in operation
operating temperature
Top
Operating ambient temperature
-
-20 ~ +125
Tstg
Storage temperature
-
-40 ~ +125
Tch
Channel temperature
-
150
Specified by
Vcc×ICC
-
TF
-20 ~ +125
2-3
PD2
0.15
W
A
Single pulse avalanche energy *2
8-3
EAS
72
mJ
Maximum switching current
8-3
IDMAX
2.5


Similar Part No. - IRIS-A6151

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-A6159 IRF-IRIS-A6159 Datasheet
394Kb / 7P
   INTEGRATED SWITCHER
More results

Similar Description - IRIS-A6151

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
IRIS-G5624A IRF-IRIS-G5624A_1 Datasheet
269Kb / 7P
   INTEGRATED SWITCHER
IRIS-G6351S IRF-IRIS-G6351S Datasheet
272Kb / 7P
   INTEGRATED SWITCHER
IRISA6131 IRF-IRISA6131 Datasheet
396Kb / 7P
   INTEGRATED SWITCHER
IRIS-W6753 IRF-IRIS-W6753 Datasheet
241Kb / 8P
   INTEGRATED SWITCHER
IRIS-G6624 IRF-IRIS-G6624 Datasheet
277Kb / 7P
   INTEGRATED SWITCHER
IRIS4007 IRF-IRIS4007 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS4011 IRF-IRIS4011 Datasheet
62Kb / 6P
   INTEGRATED SWITCHER
IRIS-F6456S IRF-IRIS-F6456S Datasheet
274Kb / 7P
   INTEGRATED SWITCHER
IRIS4009 IRF-IRIS4009 Datasheet
58Kb / 6P
   INTEGRATED SWITCHER
IRLSG5653 IRF-IRLSG5653 Datasheet
271Kb / 7P
   INTEGRATED SWITCHER
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz