Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM3Z121LT Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FRM3Z121LT
Description  InGaAs-PIN/Preamp Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FRM3Z121LT Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FRM3Z121LT Datasheet HTML 1Page - Eudyna Devices Inc FRM3Z121LT Datasheet HTML 2Page - Eudyna Devices Inc FRM3Z121LT Datasheet HTML 3Page - Eudyna Devices Inc FRM3Z121LT Datasheet HTML 4Page - Eudyna Devices Inc FRM3Z121LT Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
InGaAs-PIN/Preamp
Receiver
FRM3Z121KT/LT
Parameter
Responsivity
Transimpedance
Maximum Input Optical Power
Power Supply Current
Optical Return Loss
Symbol
R
ORL
OPTICAL & ELECTRICAL CHARACTERISTICS (Ta=-40° to +85°C, Vss=-5.2V, Vr=GND level and
λ=1,310/1,550nm unless otherwise specified)
Zt
Bandwidth
Sensitivity
BW
Equivalent Input Current Density
in
Recommended Supply
Vss
Parameter
Storage Temperature
Operating Case Temperature
IC Supply Voltage
PD Supply Voltage
Symbol
Tstg
-40 to +85
-40 to +85
-7 to +0
0 to +20
V
V
°C
°C
Top
Vss
Vr
PD Reverse Current
500
µA
Ir
Maximum Input Power
0
dBm
Po max
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Pr
Iss
Pmax
A/W
dBm
K
mA
dB
Unit
MHz
pA/ Hz
V
dBm
Limits
-
-37.5
40
Max.
0.8
-
110
8.0
-
-
-38.5
dBm
-
-7
-
-39
-
10.5
0.85
-
-5.2
-
-
1.12
1.4
-
-4.94
-5.46
-
30
-
-
-
-
-
Min.
Typ.
-38
-
Test Conditions
λ=1,310nm
PD Voltage
Vr
V
20
0
Ta=-40 to +85
°C
156Mb/s NRZ, 223-1
P.R.B.S., B.E.R.=10-10
Ta=25
°C
AC-Coupled, RL=50
Ω,
-3dBm from 1MHz
AC, RL=50
Ω,
Pin <-20dBm
Note (1)
avg. within 110MHz
Note: (1) Maximum Input Optical Power, Pmax is defined as the optical power when the variation of F.W.H.M. of the output waveform is less than 10%
compared with that of the low input; optical power level.
(2) No data is accompanied with each device.
(3) Optical characteristics are specified on the condition that single mode fiber is used as the optical source for testing.


Similar Part No. - FRM3Z121LT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231LT EUDYNA-FRM3Z231LT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232BS-A EUDYNA-FRM3Z232BS-A Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
More results

Similar Description - FRM3Z121LT

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM5J142GW EUDYNA-FRM5J142GW Datasheet
315Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232LY EUDYNA-FRM3Z232LY Datasheet
224Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM5J141GW EUDYNA-FRM5J141GW Datasheet
308Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z232HY EUDYNA-FRM3Z232HY Datasheet
201Kb / 4P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
List of Unclassifed Man...
FRM3Z621KT ETC1-FRM3Z621KT Datasheet
278Kb / 5P
   InGaAs-PIN/Preamp Receiver
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com