Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5803X Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FMM5803X
Description  27.5-31.5GHz Power Amplifier MMIC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5803X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5803X Datasheet HTML 1Page - Eudyna Devices Inc FMM5803X Datasheet HTML 2Page - Eudyna Devices Inc FMM5803X Datasheet HTML 3Page - Eudyna Devices Inc FMM5803X Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FMM5803X
27.5-31.5GHz Power Amplifier MMIC
4
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU MICROELECTRONICS, LTD.
Compound Semiconductor Division
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 2000 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0200M200
CHIP OUTLINE
Unit: µm
0
3340
VGG
VDD1
VDD2
VDD3
VDD4
VDD5
990
155
120
1030
2080
1925
RFin
RFout
970
1500
1500
2950
2950
3225
2010
1230
1230
270
2010
Chip Size: 3340±30µm x 2080±30µm
Chip Thickness: 70±20µm
Pad Dimensions: 1. DC 80µm x 80µm
2. RF 120µm x 80µm
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not ingest.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.


Similar Part No. - FMM5803X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804VY EUDYNA-FMM5804VY Datasheet
285Kb / 14P
   K / Ka Band Power Amplifier MMIC
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
FMM5804YD EUDYNA-FMM5804YD Datasheet
240Kb / 13P
   K,Ka-Band Power Amplifier MMIC
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
   17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
   17.5-20GHz Power Amplifier MMIC
More results

Similar Description - FMM5803X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
   17.5-31.5GHz Power Amplifier MMIC
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
   18-27.5 GHz 1W Power Amplifier
logo
Microchip Technology
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
   27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
   27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
Eudyna Devices Inc
FMM5049VT EUDYNA-FMM5049VT Datasheet
173Kb / 4P
   Power Amplifier MMIC
FMM5027VJ EUDYNA-FMM5027VJ Datasheet
114Kb / 4P
   MMIC Power Amplifier
FMM5052ZE EUDYNA-FMM5052ZE Datasheet
272Kb / 4P
   MMIC Power Amplifier
logo
Analog Devices
HMC1126 AD-HMC1126 Datasheet
332Kb / 16P
   MMIC, Power Amplifier
logo
Qorvo, Inc
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
   27.5 ??31 GHz 14 Watt GaN Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com