Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM5715X Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FMM5715X
Description  60GHz Power Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM5715X Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FMM5715X Datasheet HTML 1Page - Eudyna Devices Inc FMM5715X Datasheet HTML 2Page - Eudyna Devices Inc FMM5715X Datasheet HTML 3Page - Eudyna Devices Inc FMM5715X Datasheet HTML 4Page - Eudyna Devices Inc FMM5715X Datasheet HTML 5Page - Eudyna Devices Inc FMM5715X Datasheet HTML 6Page - Eudyna Devices Inc FMM5715X Datasheet HTML 7Page - Eudyna Devices Inc FMM5715X Datasheet HTML 8Page - Eudyna Devices Inc FMM5715X Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
-25
-20
-15
-10
-5
0
0
20406080
100
Frequency (GHz)
4
S-PARAMETERS
VDD = 3V, VGG = 0V, IDD = 150 mA
S11
S22
60GHz Power Amplifier MMIC
FMM5715X
-40
-30
-20
-10
0
10
20
30
0
20406080
100
Frequency (GHz)
Typical on chip measurements


Similar Part No. - FMM5715X

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
More results

Similar Description - FMM5715X

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4600-EPU TRIQUINT-TGA4600-EPU Datasheet
127Kb / 8P
   60GHz Low Noise Amplifier
logo
United Monolithic Semic...
CHA2157 UMS-CHA2157_07 Datasheet
165Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157 Datasheet
112Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
CHA2157 UMS-CHA2157_15 Datasheet
114Kb / 6P
   55-60GHz Low Noise / Medium Power Amplifier
logo
Eudyna Devices Inc
FMM5716X EUDYNA-FMM5716X Datasheet
253Kb / 9P
   60GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4600 TRIQUINT-TGA4600_15 Datasheet
289Kb / 8P
   60GHz Low Noise Amplifier
logo
Pasternack Enterprises,...
PEM004 PASTERNACK-PEM004 Datasheet
593Kb / 7P
   60GHz Baseboard I/Q Module
logo
Marki Microwave
MEQ6-60A MARKIMICROWAVE-MEQ6-60A Datasheet
315Kb / 5P
   Passive MMIC 60GHz Equalizer
logo
United Monolithic Semic...
CHX2190A UMS-CHX2190A Datasheet
63Kb / 4P
   30-60GHz Frequency Multiplier
CHX2190A UMS-CHX2190A_06 Datasheet
109Kb / 4P
   30-60GHz Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com