Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PU7457 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part No. PU7457
Description  Silicon N-Channel Power F-MOS FET (with built-in zener diode)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

PU7457 Datasheet(HTML) 3 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Power Transistor Arrays (F-MOS FETs)
Ciss, Coss, Crss  VDS
VDS, VGS  Qg
ton, tf, td(off)  ID
PZSM  tp
0
100
80
20
60
40
1
10
102
103
104
C
iss
C
oss
C
rss
f=1MHz
T
C=25˚C
Drain to source voltage V
DS
(V)
012
10
8
26
4
0
80
60
20
50
70
40
10
30
0
16
12
4
10
14
8
2
6
V
DS=25V
50V
I
D=3A
T
C=25˚C
V
GS
V
DS
Gate charge amount Q
g
(nC)
0
4.0
1.0
3.0
2.0
3.5
0.5
2.5
1.5
0
4.0
3.0
1.0
2.5
3.5
2.0
0.5
1.5
V
DD=50V
V
GS=10V
T
C=25˚C
t
d(off)
t
f
t
on
Drain current I
D
(A)
0.1
1
10
100
0.3
3
30
1
3
10
30
100
300
1000
3000
10000
t
p
Pulse width t
p
(ms)
PU7457


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK2124Silicon N-Channel Power F-MOS FET 1 2 3 Panasonic Semiconductor
2SK3024Silicon N-Channel Power F-MOS FET 1 Panasonic Semiconductor
2SK3044Silicon N-Channel Power F-MOS FET 1 2 3 Panasonic Semiconductor
2SK809ASilicon N-channel Power F-MOS FET 1 Panasonic Semiconductor
2SK2125Silicon N-Channel Power F-MOS FET 1 2 3 Panasonic Semiconductor
2SK3025Silicon N-Channel Power F-MOS FET 1 Panasonic Semiconductor
2SK3045Silicon N-Channel Power F-MOS FET 1 2 3 Panasonic Semiconductor
2SK867Silicon N-channel Power F-MOS FET 1 Panasonic Semiconductor
2SK2126Silicon N-Channel Power F-MOS FET 1 2 3 Panasonic Semiconductor
2SK3026Silicon N-Channel Power F-MOS FET 1 Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn