Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRSHIA Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # TRSHIA
Description  TAPED LED LAMP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

TRSHIA Datasheet(HTML) 1 Page - Yellow Stone Corp

  TRSHIA Datasheet HTML 1Page - Yellow Stone Corp TRSHIA Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TAPED LED LAMP
SELECTIONGUIDE :
Tx x xx
x
A: ANIDE LEAVE FIRST
B: CATHODE LEAVE FIRST
FEED HOLE TO BOTTOM OF COMPONENT OPTIONS (H1)
S: 2.54mm PITCH STRAIGHT LEADS. F: 5.08mm PITCH PREFORMED LEADS
R: REEL TYPE
B: AMMO TYPE
TAPED
REEL TYPE :
SPECIFICATION
Minimum
Maximum
ITEM
SYMBOL
mm
inch
mm
inch
Rell Diameter
D
78.20
3.079
380.00
14.96
Core Diameter
D1
34.90
1.374
102.00
4.02
Hub Recess Inside Diameter
D2
28.60
1.126
88.00
3.47
Arbor Hole Diameter
D3
13.80
0.543
38.10
1.50
Overall Reel Thickness
T
57.20
2.25
Inside Reel Flange Thick
T1
30.00
1.181
50.00
1.97
AMMO TYPE :
SPECIFICATION
Minimum
Maximum
ITEM
SYMBOL
mm
inch
mm
inch
Overall Length
L
325.00
12.80
340.00
13.40
Overall Width
W
245.00
9.65
276.00
10.87
Overall Thickness
H
50.00
1.97
60.00
2.36


Similar Part No. - TRSHIA

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRS TIANBO-TRS Datasheet
1Mb / 3P
   30A 16VDC switching rating
logo
Kemet Corporation
TRS KEMET-TRS Datasheet
724Kb / 20P
   TRS Thermal Reed Switch
11/2/2021
logo
Littelfuse
TRS LITTELFUSE-TRS Datasheet
380Kb / 2P
   Time Delay Relays / SINGLE SHOT
2021 Rev: 1-C-030121
logo
List of Unclassifed Man...
TRS-3020 ETC1-TRS-3020 Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps OPTICAL SINGLE-MODE TRANSCEIVER
logo
Optoway Technology Inc
TRS-3020G OPTOWAY-TRS-3020G Datasheet
141Kb / 5P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results

Similar Description - TRSHIA

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CM2824E182R-10 LSTD-CM2824E182R-10 Datasheet
243Kb / 1P
   TAPED AND
logo
M/A-COM Technology Solu...
MABAES0017 MA-COM-MABAES0017_15 Datasheet
67Kb / 2P
   Center Taped Transformer
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com