Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62KF08401C-DI Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY62KF08401C-DI
Description  512Kx8bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62KF08401C-DI Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY62KF08401C-DI Datasheet HTML 2Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 3Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 4Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 5Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 6Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 7Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 8Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 9Page - Hynix Semiconductor HY62KF08401C-DI Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HY62KF08401C Series
Rev.01 / Jun.01
8
PACKAGE INFORMATION
32pin 8x13.4mm Smaller Thin Small Outline Package Standard(S)
UNIT : INCH(mm)
0.319(8.1)
0.311(7.9)
0.468(11.9)
0.460(11.7)
0.536(13.6)
0.520(13.2)
0.024(0.6)
0.016(0.4)
0.008(0.2)
0.004(0.1)
0.020(0.50)
0.007(0.17)
0.041(1.05)
0.037(0.95)
0.008(0.20)
0.002(0.05)
#1
#32
#16
#17
0.011(0.27)


Similar Part No. - HY62KF08401C-DI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KF08802B HYNIX-HY62KF08802B Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DD HYNIX-HY62KF08802B-DD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DDI HYNIX-HY62KF08802B-DDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SD HYNIX-HY62KF08802B-SD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SDI HYNIX-HY62KF08802B-SDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
More results

Similar Description - HY62KF08401C-DI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY63V8400 HYNIX-HY63V8400 Datasheet
136Kb / 8P
   512Kx8Bit CMOS FAST SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com