Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62KF08401C-I Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY62KF08401C-I
Description  512Kx8bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62KF08401C-I Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY62KF08401C-I Datasheet HTML 1Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 2Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 3Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 4Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 5Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 6Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 7Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 8Page - Hynix Semiconductor HY62KF08401C-I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HY62KF08401C Series
Rev.01 / Jun.01
4
AC CHARACTERISTICS
TA = -40
°C to 85°C, unless otherwise specified
55ns
70ns
#
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
1
tRC
Read Cycle Time
55
-
70
-
ns
2
tAA
Address Access Time
-
55
-
70
ns
3
tACS
Chip Select Access Time
-
55
-
70
ns
4
tOE
Output Enable to Output Valid
-
30
-
35
ns
5
tCLZ
Chip Select to Output in Low Z
10
-
10
-
ns
6
tOLZ
Output Enable to Output in Low Z
5
-
5
-
ns
7
tCHZ
Chip Deselection to Output in High Z
0
30
0
30
ns
8
tOHZ
Out Disable to Output in High Z
0
30
0
30
ns
9
tOH
Output Hold from Address Change
10
-
10
-
ns
10
tWC
Write Cycle Time
55
-
70
-
ns
11
tCW
Chip Selection to End of Write
50
-
60
-
ns
12
tAW
Address Valid to End of Write
50
-
60
-
ns
13
tAS
Address Set-up Time
0
-
0
-
ns
14
tWP
Write Pulse Width
45
-
50
-
ns
15
tWR
Write Recovery Time
0
-
0
-
ns
16
tWHZ
Write to Output in High Z
0
20
0
20
ns
17
tDW
Data to Write Time Overlap
25
-
30
-
ns
18
tDH
Data Hold from Write Time
0
-
0
-
ns
19
tOW
Output Active from End of Write
5
-
5
-
ns
AC TEST CONDITIONS
TA = -40
°C to 85°C, unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
1.5V
tCLZ, tOLZ, tCHZ, tOHZ, tWHZ, tOW
CL = 5pF + 1TTL Load
Output Load
Others
CL = 30pF + 1TTL Load
AC TEST LOADS
D
OUT
1728 Ohm
CL(1)
1029 Ohm
V
TM=2.8V
Note
1. Including jig and scope capacitance
READ CYCLE
WRITE CYCLE


Similar Part No. - HY62KF08401C-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KF08802B HYNIX-HY62KF08802B Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DD HYNIX-HY62KF08802B-DD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DDI HYNIX-HY62KF08802B-DDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SD HYNIX-HY62KF08802B-SD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SDI HYNIX-HY62KF08802B-SDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
More results

Similar Description - HY62KF08401C-I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY63V8400 HYNIX-HY63V8400 Datasheet
136Kb / 8P
   512Kx8Bit CMOS FAST SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com