Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62KF08401C Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY62KF08401C
Description  512Kx8bit full CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62KF08401C Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY62KF08401C Datasheet HTML 2Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 3Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 4Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 5Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 6Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 7Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 8Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 9Page - Hynix Semiconductor HY62KF08401C Datasheet HTML 10Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HY62KF08401C Series
Rev.01 / Jun.01
7
Notes:
1. A write occurs during the overlap of a low /WE and a low /CS.
2. tWR is measured from the earlier of /CS or /WE going high to the end of write cycle.
3. During this period, I/O pins are in the output state so that the input signals of opposite phase to the
output must not be applied.
4. If the /CS low transition occurs simultaneously with the /WE low transition or after the
/WE transition, outputs remain in a high impedance state.
5. Q(data out) is the same phase with the write data of this write cycle.
6. Q(data out) is the read data of the next address.
7. Transition is measured + 200mV from steady state.
This parameter is sampled and not 100% tested.
8. /CS in high for the standby, low for active
DATA RETENTION ELECTRIC CHARACTERISTIC
TA = -40
°C to 85°C
Symbol
Parameter
Test Condition
Min
Typ
1.
Max
Unit
VDR
Vcc for Data Retention
/CS > Vcc - 0.2V,
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
1.2
-
3.6
V
LL
-
0.1
10
uA
Iccdr
Data Retention Current
Vcc=1.5V,
/CS > Vcc - 0.2V or
VIN > Vcc - 0.2V or
VIN < Vss + 0.2V
SL
-
0.1
3
uA
tCDR
Chip Deselect to Data
Retention Time
0
-
-
ns
tR
Operating Recovery Time
See Data Retention Timing Diagram
tRC
-
-
ns
Notes:
1. Typical values are under the condition of TA = 25
°C.
2. Typical value are sampled and not 100% tested
DATA RETENTION TIMING DIAGRAM
/CS
VDR
/CS >VCC-0.2V
tCDR
tR
VSS
VCC
2.7V
VIH
DATA RETENTION MODE


Similar Part No. - HY62KF08401C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62KF08802B HYNIX-HY62KF08802B Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DD HYNIX-HY62KF08802B-DD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-DDI HYNIX-HY62KF08802B-DDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SD HYNIX-HY62KF08802B-SD Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
HY62KF08802B-SDI HYNIX-HY62KF08802B-SDI Datasheet
142Kb / 10P
   1M x 8bit 2.7 ~ 3.6V Super low Power FCMOS Slow SRAM
More results

Similar Description - HY62KF08401C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8400A HYNIX-HY62U8400A Datasheet
180Kb / 11P
   512Kx8bit CMOS SRAM
HY63V8400 HYNIX-HY63V8400 Datasheet
136Kb / 8P
   512Kx8Bit CMOS FAST SRAM
HY62SF16406D HYNIX-HY62SF16406D Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62UF16806A HYNIX-HY62UF16806A Datasheet
218Kb / 11P
   512Kx16bit full CMOS SRAM
HY62LF16404C HYNIX-HY62LF16404C Datasheet
186Kb / 10P
   256Kx16bit full CMOS SRAM
HY62UF16800B HYNIX-HY62UF16800B Datasheet
340Kb / 11P
   512Kx16bit full CMOS SRAM
HY62UF16804A HYNIX-HY62UF16804A Datasheet
201Kb / 10P
   512Kx16bit full CMOS SRAM
HY62LF16206A HYNIX-HY62LF16206A Datasheet
283Kb / 11P
   128Kx16bit full CMOS SRAM
HY62LF16406C HYNIX-HY62LF16406C Datasheet
194Kb / 11P
   256Kx16bit full CMOS SRAM
HY62SF16404C HYNIX-HY62SF16404C Datasheet
184Kb / 10P
   256Kx16bit full CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com