Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4730TA Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4730TA
Description  Stereo 14W Audio Power Amplifier with Mute and Standby Modes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4730TA Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4730TA Datasheet HTML 3Page - National Semiconductor (TI) LM4730TA Datasheet HTML 4Page - National Semiconductor (TI) LM4730TA Datasheet HTML 5Page - National Semiconductor (TI) LM4730TA Datasheet HTML 6Page - National Semiconductor (TI) LM4730TA Datasheet HTML 7Page - National Semiconductor (TI) LM4730TA Datasheet HTML 8Page - National Semiconductor (TI) LM4730TA Datasheet HTML 9Page - National Semiconductor (TI) LM4730TA Datasheet HTML 10Page - National Semiconductor (TI) LM4730TA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
External Components Description
( See Figures1-4)
Components
Functional Description
1R
B
Prevents currents from entering the amplifier’s non-inverting input which may be passed through to the load
upon power down of the system due to the low input impedance of the circuitry when the undervoltage
circuitry is off. This phenomenon occurs when the supply voltages are below 1.5V.
2R
i
Inverting input resistance to provide AC gain in conjunction with R
f.
3R
f
Feedback resistance to provide AC gain in conjunction with R
i.
4C
i
(Note 13)
Feedback capacitor which ensures unity gain at DC. Also creates a highpass filter with R
i at fC = 1/(2
πR
iCi).
5C
S
Provides power supply filtering and bypassing. Refer to the Supply Bypassing application section for proper
placement and selection of bypass capacitors.
6R
V
(Note 13)
Acts as a volume control by setting the input voltage level.
7R
IN
(Note 13)
Sets the amplifier’s input terminals DC bias point when C
IN is present in the circuit. Also works with CIN to
create a highpass filter at f
C = 1/(2
πR
INCIN). Refer to Figure 4.
8C
IN
(Note 13)
Input capacitor which blocks the input signal’s DC offsets from being passed onto the amplifier’s inputs.
9R
SN
(Note 13)
Works with C
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities.
10
C
SN
(Note 13)
Works with R
SN to stabilize the output stage by creating a pole that reduces high frequency instabilities. The
pole is set at f
C = 1/(2
πR
SNCSN). Refer to Figure 4.
11
L (Note 13)
Provides high impedance at high frequencies so that R may decouple a highly capacitive load and reduce
the Q of the series resonant circuit. Also provides a low impedance at low frequencies to short out R and
pass audio signals to the load. Refer to Figure 4.
12
R (Note 13)
13
R
A
Provides DC voltage biasing for the transistor Q1 in single supply operation.
14
C
A
Provides bias filtering for single supply operation.
15
R
INP
(Note 13)
Limits the voltage difference between the amplifier’s inputs for single supply operation. Refer to the Clicks
and Pops application section for a more detailed explanation of the function of R
INP.
16
R
BI
Provides input bias current for single supply operation. Refer to the Clicks and Pops application section for
a more detailed explanation of the function of R
BI.
17
R
E
Establishes a fixed DC current for the transistor Q1 in single supply operation. This resistor stabilizes the
half-supply point along with C
A.
Note 13: Optional components dependent upon specific design requirements.
Typical Performance Characteristics
Supply Current vs
Supply Voltage
PSRR vs Frequency
±17V, V
RIPPLE =1VRMS,
R
L =8
Ω, 80kHz BW
20059467
20059464
www.national.com
7


Similar Part No. - LM4730TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4731TA NSC-LM4731TA Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4732TA NSC-LM4732TA Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4730TA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com