Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1270NA Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1270NA
Description  Hi-Brite 200 MHz I2C Compatible RGB Image Enhancer with Video Auto Sizing
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1270NA Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM1270NA Datasheet HTML 8Page - National Semiconductor (TI) LM1270NA Datasheet HTML 9Page - National Semiconductor (TI) LM1270NA Datasheet HTML 10Page - National Semiconductor (TI) LM1270NA Datasheet HTML 11Page - National Semiconductor (TI) LM1270NA Datasheet HTML 12Page - National Semiconductor (TI) LM1270NA Datasheet HTML 13Page - National Semiconductor (TI) LM1270NA Datasheet HTML 14Page - National Semiconductor (TI) LM1270NA Datasheet HTML 15Page - National Semiconductor (TI) LM1270NA Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Video Detection (Continued)
registers have been enabled either by previously reading the
D_CNTLS register, or by writing a zero to the STAT bit of the
D_CNTL register.
Only one line of data is allowed per field. After the clock
stream of 72 pulses has been detected and accepted and
the data stored in registers 2E-36, no more data will be
accepted until after the registers have been reset. This is to
allow time for the microcontroller to access the data on the
I
2C bus. If the LIMIT bit in the TEST1 register is set to a “1”
(default value), then the data must arrive during the pro-
grammed vertical blanking period. Any data arriving outside
of this will be ignored. If the bit is set to a “0”, then the data
may arrive anytime, even within the active video area.
The maximum data rate is half of the clock rate. The data is
clocked by the trailing edge of the clock. The clock rate
should be chosen to allow all 72 pixels to occur within the
normal horizontal active video timing.
INTERRUPT SIGNAL
Pin 15, the Blanking/Interrupt pin, can be set to output an
interrupt signal by bit 2 of register 39. The default value for
this bit is “0”, setting pin 15 for a blanking output signal.
However, if bit 2 is set to a “1” then pin 15 outputs an
interrupt signal. When the LM1270 is instructed to read the
information sent by video, then this signal goes low. Once
the clock stream of 72 pulses has occurred, then the inter-
rupt signal goes high again at the leading edge of H Sync.
The interrupt signal remains high until another request to
read the video information is received. Some microcontrol-
lers may require an interrupt signal. Setting pin 15 to output
an interrupt signal will provide the needed signal for these
systems. In this mode of operation the vertical blanking
signal will be unavailable; however, vertical blanking may still
be added to the video outputs. Note that bit 1 of register 1
does change the polarity of the interrupt signal.
Parameter
Timing
T
CLK
50 ns
T
CLK-H
25 ns
T
CLK-L
25 ns
T
SETUP-H
13 ns
T
SETUP-L
13 ns
Emphasis
MEASURING EMPHASIS
Two adjustments are available to optimize the emphasis in
the Hi-Brite window for the various timing modes and bright-
ness levels. One adjustment is the center frequency and the
other adjustment is the amount of overshoot. Referring to
Figure 7 the overshoot is the ratio of the overshoot voltage to
the video level after the emphasis has settle out of the output
signal. The typical output level is 900 mV and the typical
overshoot is about 20%. The peak measurement is taken
9 ns from the rising edge. This delay gives a more accurate
peak measurement by avoiding any ringing that may occur
at the rising edge. Overshoot is defined in percent as:
Bits 0 to 2 in register 0B control the emphasis. When a “4” is
programmed into these bits the overshoot is typically 11%. A
“0” will give no overshoot in the Hi-Brite window.
Shown below in Figure 8 is how the center frequency is
measured. The center frequency is actually expressed as
the time it takes the overshoot to settle to within 5% of the
DC level of the pulse.
20063523
FIGURE 6. Timing Parameters
20063525
FIGURE 7. Overshoot Measurement
20063526
FIGURE 8. Center Frequency Measurement
www.national.com
12


Similar Part No. - LM1270NA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1276 NSC-LM1276 Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
logo
National Semiconductor ...
LM1276AAA NSC-LM1276AAA Datasheet
2Mb / 50P
   150 MHz I2C Compatible RGB Preamplifier with Internal 512 Character OSD ROM, 512 Character RAM and 4 DACs
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
More results

Similar Description - LM1270NA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1262 NSC-LM1262 Datasheet
1Mb / 20P
   200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
LM1269 NSC-LM1269 Datasheet
1Mb / 20P
   110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
New Japan Radio
NJM2209 NJRC-NJM2209 Datasheet
196Kb / 4P
   VIDEO PICTURE ENHANCER
logo
Rohm
BU1570KN ROHM-BU1570KN_09 Datasheet
332Kb / 9P
   AIE: Adaptive Image Enhancer
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com