Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4730 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4730
Description  Stereo 14W Audio Power Amplifier with Mute and Standby Modes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4730 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM4730 Datasheet HTML 9Page - National Semiconductor (TI) LM4730 Datasheet HTML 10Page - National Semiconductor (TI) LM4730 Datasheet HTML 11Page - National Semiconductor (TI) LM4730 Datasheet HTML 12Page - National Semiconductor (TI) LM4730 Datasheet HTML 13Page - National Semiconductor (TI) LM4730 Datasheet HTML 14Page - National Semiconductor (TI) LM4730 Datasheet HTML 15Page - National Semiconductor (TI) LM4730 Datasheet HTML 16Page - National Semiconductor (TI) LM4730 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
Non-Isolated TO-220 15-Lead Package
Order Number LM4730TA
NS Package Number TA15A
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL
COUNSEL OF NATIONAL SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or
systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and
whose failure to perform when properly used in
accordance with instructions for use provided in the
labeling, can be reasonably expected to result in a
significant injury to the user.
2. A critical component is any component of a life
support device or system whose failure to perform
can be reasonably expected to cause the failure of
the life support device or system, or to affect its
safety or effectiveness.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said circuitry and specifications.


Similar Part No. - LM4730

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4731TA NSC-LM4731TA Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4732TA NSC-LM4732TA Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4733 NSC-LM4733 Datasheet
939Kb / 23P
   3 Channel 30W Audio Power Amplifier with Mute
More results

Similar Description - LM4730

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
   Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
   Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4700 NSC-LM4700 Datasheet
529Kb / 15P
   Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
LM4701 NSC-LM4701 Datasheet
541Kb / 15P
   LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
   14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4765 TI1-LM4765 Datasheet
817Kb / 24P
[Old version datasheet]   LM4765 Overture??Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7269A STMICROELECTRONICS-TDA7269A_03 Datasheet
157Kb / 9P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
TDA7269ASA STMICROELECTRONICS-TDA7269ASA Datasheet
205Kb / 11P
   14W14W STEREO AMPLIFIER WITH MUTE & ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com