Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9215 Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN9215
Description  Highly Efficient 10/100 Ethernet Controller with HP Auto-MDIX
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9215 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN9215 Datasheet HTML 8Page - SMSC Corporation LAN9215 Datasheet HTML 9Page - SMSC Corporation LAN9215 Datasheet HTML 10Page - SMSC Corporation LAN9215 Datasheet HTML 11Page - SMSC Corporation LAN9215 Datasheet HTML 12Page - SMSC Corporation LAN9215 Datasheet HTML 13Page - SMSC Corporation LAN9215 Datasheet HTML 14Page - SMSC Corporation LAN9215 Datasheet HTML 15Page - SMSC Corporation LAN9215 Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 134 page
background image
Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
Datasheet
Revision 1.5 (07-18-06)
12
SMSC LAN9215
DATASHEET
The MAC Interface Layer (MIL), within the MAC, contains a 2K Byte transmit and a 128 Byte receive
FIFO which is separate from the TX and RX FIFOs. The FIFOs within the MAC are not directly
accessible from the host interface. The differentiation between the TX/RX FIFO memory buffers and
the MAC buffers is that when the transmit or receive packets are in the MAC buffers, the host no longer
can control or access the TX or RX data. The MAC buffers (both TX and RX) are in effect the working
buffers of the Ethernet MAC logic. In the case of reception, the data must be moved first to the RX
FIFOs for the host to access the data.
1.5
Receive and Transmit FIFOs
The Receive and Transmit FIFOs allow increased packet buffer storage to the MAC. The FIFOs are a
conduit between the host interface and the MAC through which all transmitted and received data and
status information is passed. Deep FIFOs allow a high degree of latency tolerance relative to the
various transport and OS software stacks thus reducing or minimizing overrun conditions. Like the
MAC, the FIFOs have separate receive and transmit data paths. In addition, the RX and TX FIFOs are
configurable in size, allowing increased flexibility.
1.6
Interrupt Controller
The LAN9215 supports a single programmable interrupt. The programmable nature of this interrupt
allows the user the ability to optimize performance dependent upon the application requirement. Both
the polarity and buffer type of the interrupt pin are configurable for the external interrupt processing.
The interrupt line can be configured as an open-drain output to facilitate the sharing of interrupts with
other devices. In addition, a programmable interrupt de-assertion interval is provided.
1.7
GPIO Interface
A 3-bit GPIO and 2-bit GPO (Multiplexed on the EEPROM and LED Pins) interface is included in the
LAN9215. It is accessible through the host bus interface via the CSRs. The GPIO signals can function
as inputs, push-pull outputs and open drain outputs. The GPIO’s (GPO’s are not configurable) can also
be configured to trigger interrupts with programmable polarity.
1.8
Serial EEPROM Interface
A serial EEPROM interface is included in the LAN9215. The serial EEPROM is optional and can be
programmed with the LAN9215 MAC address. The LAN9215 can optionally load the MAC address
automatically after power-on.
1.9
Power Management Controls
The LAN9215 supports comprehensive array of power management modes to allow use in power
sensitive applications. Wake on LAN, Link Status Change and Magic Packet detection are supported
by the LAN9215. An external PME (Power Management Event) interrupt is provided to indicate
detection of a wakeup event.
1.10
General Purpose Timer
The general-purpose timer has no dedicated function within the LAN9215 and may be programmed to
issue a timed interrupt.


Similar Part No. - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215 SMSC-LAN9215 Datasheet
2Mb / 144P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9215-MT SMSC-LAN9215-MT Datasheet
2Mb / 144P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9215-MZP SMSC-LAN9215-MZP Datasheet
2Mb / 144P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 134P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 138P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
More results

Similar Description - LAN9215

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9215I SMSC-LAN9215I Datasheet
1Mb / 134P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9215I SMSC-LAN9215I_07 Datasheet
1Mb / 138P
   Highly Efficient Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX and Industrial Temperature Support
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9215 SMSC-LAN9215_12 Datasheet
2Mb / 144P
   16-bit Non-PCI 10/100 Ethernet Controller with HP Auto-MDIX Support
LAN9218 SMSC-LAN9218_12 Datasheet
1Mb / 134P
   High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX Support
logo
Microchip Technology
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
logo
SMSC Corporation
LAN9217 SMSC-LAN9217 Datasheet
1Mb / 134P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9217 SMSC-LAN9217_07 Datasheet
1Mb / 137P
   16-bit High-Performance Single-Chip 10/100 Ethernet Controller with HP Auto-MDIX
logo
Microchip Technology
LAN8720AI-CP MICROCHIP-LAN8720AI-CP Datasheet
1Mb / 29P
   Small Footprint RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support
Revision 1.4 08-23-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com