Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY62V8100BLLR1 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY62V8100BLLR1
Description  128K x8 bit 3.3V Low Power CMOS slow SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY62V8100BLLR1 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY62V8100BLLR1 Datasheet HTML 1Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 2Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 3Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 4Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 5Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 6Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 7Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 8Page - Hynix Semiconductor HY62V8100BLLR1 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HY62V8100B Series
Rev 13 / Apr. 2001
4
AC CHARACTERISTICS
Vcc = 3.0V~3.6V, TA = 0
°C to 70°C / -25°C to 85°C (E) / -25¡ Éto 85¡ É(I), unless otherwise specified
-70
-85
-10
Min.
Max.
Min.
Max.
Min
Max.
1
tRC
Read Cycle Time
70
-
85
-
100
-
ns
2
tAA
Address Access Time
-
70
-
85
-
100
ns
3
tACS
Chip Select Access Time
-
70
-
85
-
100
ns
4
tOE
Output Enable to Output Valid
-
40
-
45
-
50
ns
5
tCLZ
Chip Select to Output in Low Z
10
-
10
-
10
-
ns
6
tOLZ
Output Enable to Output in Low Z
5
-
5
-
5
-
ns
7
tCHZ
Chip Deselection to Output in High Z
0
30
0
30
0
30
ns
8
tOHZ
Out Disable to Output in High Z
0
30
0
30
0
30
ns
9
tOH
Output Hold from Address Change
10
-
10
-
15
-
ns
10
tWC
Write Cycle Time
70
-
85
-
100
-
ns
11
tCW
Chip Selection to End of Write
60
-
70
-
80
-
ns
12
tAW
Address Valid to End of Write
60
-
70
-
80
-
ns
13
tAS
Address Set-up Time
0
-
0
-
0
-
ns
14
tWP
Write Pulse Width
50
-
55
-
75
-
ns
15
tWR
Write Recovery Time
0
-
0
-
0
-
ns
16
tWHZ
Write to Output in High Z
0
25
0
30
0
35
ns
17
tDW
Data to Write Time Overlap
30
-
40
-
45
-
ns
18
tDH
Data Hold from Write Time
0
-
0
-
0
-
ns
19
tOW
Output Active from End of Write
5
-
5
-
10
-
ns
AC TEST CONDITIONS
TA = 0
°C to 70°C / -25°C to 85°C (E) / -25¡ Éto 85¡ É(I), unless otherwise specified
Parameter
Value
Input Pulse Level
0.4V to 2.2V
Input Rise and Fall Time
5ns
Input and Output Timing Reference Level
1.5V
Output Load
tCLZ,tOLZ,tCHZ,tOHZ,tWHZ
CL =
5pF + 1TTL Load
Others
CL = 100pF + 1TTL Load
AC TEST LOADS
CL(1)
TTL
Note : 1 Including jig and scope capacitance
READ CYCLE
WRITE CYCLE
Symbol
Parameter
#
Unit


Similar Part No. - HY62V8100BLLR1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62V8200B HYNIX-HY62V8200B Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1 HYNIX-HY62V8200BLLR1 Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1-E HYNIX-HY62V8200BLLR1-E Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLR1-I HYNIX-HY62V8200BLLR1-I Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
HY62V8200BLLSR HYNIX-HY62V8200BLLSR Datasheet
187Kb / 12P
   HY62V8200B Series 256Kx8bit CMOS SRAM
More results

Similar Description - HY62V8100BLLR1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY62U8100B HYNIX-HY62U8100B Datasheet
205Kb / 12P
   128K x8 bit 3.0V Low Power CMOS slow SRAM
HY628100B HYNIX-HY628100B Datasheet
175Kb / 10P
   128K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
HY62V8400A HYNIX-HY62V8400A Datasheet
181Kb / 11P
   512K x8 bit 3.3V Low Power CMOS slow SRAM
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
HY62U8200B HYNIX-HY62U8200B Datasheet
188Kb / 12P
   256K x8 bit 3.0V Low Power CMOS slow SRAM
HY628400A HYNIX-HY628400A Datasheet
182Kb / 11P
   512K x8 bit 5.0V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com