Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMM106HG Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FMM106HG
Description  GaAs MMIC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FMM106HG Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FMM106HG Datasheet HTML 1Page - Eudyna Devices Inc FMM106HG Datasheet HTML 2Page - Eudyna Devices Inc FMM106HG Datasheet HTML 3Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FMM106HG
GaAs MMIC
Negative Supply Voltage
-5V Operation Circuit
50
50
50
50
5
3
2
14
7
12
10
1000pF
1000pF
1000pF
1000pF
1000pF
0.01
µF
VDD = +5.0V
INPUT
OUTPUT
OUTPUT
Positive Supply Voltage
+5V Operation Circuit
50
50
50
50
5
3
2
14
7
12
10
1000pF
1000pF
1000pF
The backside metal of the package must be grounded.
1000pF
1000pF
0.01
µF
VSS = -5.0V
INPUT
OUTPUT
OUTPUT
OUT
IN
OUT
IN
OUT
IN
OUT
IN
Test Circuit


Similar Part No. - FMM106HG

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results

Similar Description - FMM106HG

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FMM5017VF FUJITSU-FMM5017VF Datasheet
91Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY213 INFINEON-CMY213 Datasheet
149Kb / 9P
   GaAs MMIC
2001-01-01
logo
TriQuint Semiconductor
CMH192 TRIQUINT-CMH192 Datasheet
270Kb / 11P
   GaAs MMIC
logo
Fujitsu Component Limit...
FMM5046VF FUJITSU-FMM5046VF Datasheet
112Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CGY99 INFINEON-CGY99 Datasheet
86Kb / 10P
   GaAs MMIC
03.00
CGY353 INFINEON-CGY353 Datasheet
126Kb / 6P
   GaAs MMIC
2001-01-01
logo
Siemens Semiconductor G...
CGY195 SIEMENS-CGY195 Datasheet
31Kb / 3P
   GaAs MMIC
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
logo
Infineon Technologies A...
CMY211 INFINEON-CMY211 Datasheet
139Kb / 7P
   GaAs MMIC
2001-01-01
logo
Eudyna Devices Inc
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com