Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLU35XM Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLU35XM
Description  L-Band Medium & High Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLU35XM Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLU35XM Datasheet HTML 1Page - Eudyna Devices Inc FLU35XM Datasheet HTML 2Page - Eudyna Devices Inc FLU35XM Datasheet HTML 3Page - Eudyna Devices Inc FLU35XM Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 1.2
July 1999
FLU35XM
L-Band Medium & High Power GaAs FET
Item
Drain-Source Voltage
V
Gate-Source Voltage
V
Total Power Dissipation
Storage Temperature
Channel Temperature
W
°C
°C
Symbol
VDS
VGS
PT
Tstg
Tch
15
-5
15
-65 to +175
+175
Rating
Tc = 25°C
Condition
Unit
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta=25°C)
Fujitsu recommends the following conditions for the reliable operation of GaAs FETs:
1. The drain - source operating voltage (VDS) should not exceed 10 volts.
2. The forward and reverse gate currents should not exceed 19.4 and -2.0 mA respectively with
gate resistance of 100Ω.
3. The operating channel temperature (Tch) should not exceed 145°C.
Item
Drain Current
Transconductance
Pinch-Off Voltage
Gate-Source Breakdown Voltage
Output Power at 1 dB G.C.P.
Power Gain at 1 dB G.C.P.
Power Added Efficiency
Thermal Resistance
Symbol
IDSS
VGSO
-
600
-
-
1200
1800
-1.0
-2.0
-3.5
-5
-
-
34.5
35.5
-
11.5
12.5
-
-
46
-
-
7.5
10
VDS = 5V, VGS=0V
VDS = 5V, IDS=800mA
VDS = 5V, IDS=60mA
IGS = -60µA
Channel to Case
G.C.P.: Gain Compression Point
VDS = 10V
f=2.0 GHz
IDS=0.6IDSS
mA
mS
V
dB
dBm
V
°C/W
%
gm
Vp
P1dB
G1dB
ηadd
Rth
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25°C)
Case Style: XM
Note: The RF parameters are measured on a lot basis by sample testing
at an AQL = 0.1%, Level-II inspection. Any lot failure shall be 100% retested.
FEATURES
• High Output Power: P1dB=35.5dBm (Typ.)
• High Gain: G1dB=12.5dB (Typ.)
• High PAE: ηadd=46% (Typ.)
• Hermetic Metal/Ceramic (SMT) Package
• Tape and Reel Available
DESCRIPTION
The FLU35XM is a GaAs FET designed for base station applications in the
PCN/PCS frequency range. This is a new product series that uses a surface
mount package that has been optimized for high volume cost driven applications.
Fujitsu’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.


Similar Part No. - FLU35XM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLU35ZM ETC-FLU35ZM Datasheet
225Kb / 8P
   L-Band Medium & High Power GaAs FET
More results

Similar Description - FLU35XM

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL57MK EUDYNA-FLL57MK Datasheet
101Kb / 4P
   L-Band Medium & High Power GaAs FET
FLL107ME EUDYNA-FLL107ME Datasheet
83Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
List of Unclassifed Man...
FLL400IP-3 ETC1-FLL400IP-3 Datasheet
221Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLU17ZM FUJITSU-FLU17ZM Datasheet
236Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL1200IU-2 FUJITSU-FLL1200IU-2 Datasheet
92Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLL200IB-1 EUDYNA-FLL200IB-1 Datasheet
125Kb / 6P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLL177 FUJITSU-FLL177 Datasheet
229Kb / 4P
   L-BAND MEDIUM & HIGH POWER GAAS FET
logo
List of Unclassifed Man...
FLU35ZM ETC-FLU35ZM Datasheet
225Kb / 8P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLU10ZM EUDYNA-FLU10ZM Datasheet
235Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL600IQ-3 EUDYNA-FLL600IQ-3 Datasheet
107Kb / 4P
   L-Band Medium & High Power GaAs FET
FLU10XM EUDYNA-FLU10XM Datasheet
81Kb / 4P
   L-Band Medium & High Power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com