Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLU17XM Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FLU17XM
Description  L-Band Medium & High Power GaAs FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLU17XM Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FLU17XM Datasheet HTML 1Page - Eudyna Devices Inc FLU17XM Datasheet HTML 2Page - Eudyna Devices Inc FLU17XM Datasheet HTML 3Page - Eudyna Devices Inc FLU17XM Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
For further information please contact:
FUJITSU COMPOUND SEMICONDUCTOR, INC.
2355 Zanker Rd.
San Jose, CA 95131-1138, U.S.A.
Phone: (408) 232-9500
FAX: (408) 428-9111
www.fcsi.fujitsu.com
FUJITSU MICROELECTRONICS, LTD.
Compound Semiconductor Division
Network House
Norreys Drive
Maidenhead, Berkshire SL6 4FJ
Phone:+44 (0)1628 504800
FAX:+44 (0)1628 504888
Fujitsu Limited reserves the right to change products and specifications without notice.
The information does not convey any license under rights of Fujitsu Limited or others.
© 1998 FUJITSU COMPOUND SEMICONDUCTOR, INC.
Printed in U.S.A. FCSI0598M200
Fujitsu Compound Semiconductor Products contain gallium arsenide
(GaAs) which can be hazardous to the human body and the environment.
For safety, observe the following procedures:
CAUTION
• Do not put these products into the mouth.
• Do not alter the form of this product into a gas, powder, or liquid
through burning, crushing, or chemical processing as these by-products
are dangerous to the human body if inhaled, ingested, or swallowed.
• Observe government laws and company regulations when discarding this
product. This product must be discarded in accordance with methods
specified by applicable hazardous waste procedures.
FLU17XM
L-Band Medium & High Power GaAs FET
3.8±0.15
(0.150)
3.35
(0.132)
Unit: mm(inches)
1. Gate
2. Source
3. Drain
2.865
(0.112)
3.13±0.15
2.265
(0.089)
2.0±0.15
Case Style "XM"
Metal-Ceramic Hermetic Package
2
1
3
0.7
(0.028)
6.3
(0.248)


Similar Part No. - FLU17XM

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FLU17ZM FUJITSU-FLU17ZM Datasheet
236Kb / 8P
   L-Band Medium & High Power GaAs FET
More results

Similar Description - FLU17XM

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLL57MK EUDYNA-FLL57MK Datasheet
101Kb / 4P
   L-Band Medium & High Power GaAs FET
FLL107ME EUDYNA-FLL107ME Datasheet
83Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
List of Unclassifed Man...
FLL400IP-3 ETC1-FLL400IP-3 Datasheet
221Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLU17ZM FUJITSU-FLU17ZM Datasheet
236Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL1200IU-2 FUJITSU-FLL1200IU-2 Datasheet
92Kb / 4P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLL200IB-1 EUDYNA-FLL200IB-1 Datasheet
125Kb / 6P
   L-Band Medium & High Power GaAs FET
logo
Fujitsu Component Limit...
FLL177 FUJITSU-FLL177 Datasheet
229Kb / 4P
   L-BAND MEDIUM & HIGH POWER GAAS FET
logo
List of Unclassifed Man...
FLU35ZM ETC-FLU35ZM Datasheet
225Kb / 8P
   L-Band Medium & High Power GaAs FET
logo
Eudyna Devices Inc
FLU10ZM EUDYNA-FLU10ZM Datasheet
235Kb / 8P
   L-Band Medium & High Power GaAs FET
FLL600IQ-3 EUDYNA-FLL600IQ-3 Datasheet
107Kb / 4P
   L-Band Medium & High Power GaAs FET
FLU10XM EUDYNA-FLU10XM Datasheet
81Kb / 4P
   L-Band Medium & High Power GaAs FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com