Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLM7785-8F Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FLM7785-8F
Description  C-Band Internally Matched FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLM7785-8F Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FLM7785-8F Datasheet HTML 1Page - Eudyna Devices Inc FLM7785-8F Datasheet HTML 2Page - Eudyna Devices Inc FLM7785-8F Datasheet HTML 3Page - Eudyna Devices Inc FLM7785-8F Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Edition 1.4
August 2004
FLM7785-8F
C-Band Internally Matched FET
Item
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
Channel Temperature
Symbol
VDS
VGS
15
-5
42.8
-65 to +175
175
Tc = 25°C
V
V
W
°C
°C
PT
Tstg
Tch
Condition
Unit
Rating
ABSOLUTE MAXIMUM RATING (Ambient Temperature Ta=25
°C)
Fujitsu recommends the following conditions for the reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDS) should not exceed 10 volts.
2. The forward and reverse gate currents should not exceed 32.0 and -4.4 mA respectively with
gate resistance of 100
Ω.
Item
Saturated Drain Current
Transconductance
Pinch-off Voltage
Gate Source Breakdown Voltage
Power-added Efficiency
3rd Order Intermodulation
Distortion
Output Power at 1dB G.C.P.
Power Gain at 1dB G.C.P.
Symbol
IDSS
-
3400
5200
-
3400
-
-0.5
-1.5
-3.0
-5.0
-
-
7.5
8.5
-
-34
-
39.0
39.5
-
VDS = 5V, IDS = 170mA
VDS = 5V, IDS = 2200mA
VDS = 5V, VGS = 0V
IGS = -170µA
VDS =10V,
IDS = 0.65 IDSS (Typ.),
f = 7.7 ~ 8.5 GHz,
ZS=ZL= 50 ohm
f = 8.5 GHz,
∆f = 10 MHz
2-Tone Test
Pout = 28.5dBm S.C.L.
mA
mS
V
dB
%
-44
-46
-
dBc
dBm
V
gm
Vp
VGSO
P1dB
G1dB
Drain Current
-
2200
2600
mA
Idsr
IM3
ηadd
Gain Flatness
--
±0.6
dB
∆G
Test Conditions
Unit
Limit
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
Channel to Case
Thermal Resistance
-
3.0
3.5
°C/W
Rth
10V x Idsr x Rth
Channel Temperature Rise
--
80
°C
∆Tch
G.C.P.: Gain Compression Point, S.C.L.: Single Carrier Level
CASE STYLE: IB
DESCRIPTION
The FLM7785-8F is a power GaAs FET that is internally matched for
standard communication bands to provide optimum power and gain in a
50 ohm system.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
FEATURES
• High Output Power: P1dB = 39.5dBm (Typ.)
• High Gain: G1dB = 8.5dB (Typ.)
• High PAE:
ηadd = 34% (Typ.)
• Low IM3 = -46dBc@Po = 28.5dBm
• Broad Band: 7.7 ~ 8.5GHz
• Impedance Matched Zin/Zout = 50
• Hermetically Sealed


Similar Part No. - FLM7785-8F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM7785-12F EUDYNA-FLM7785-12F Datasheet
286Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM7785-18F ETC1-FLM7785-18F Datasheet
303Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM7785-45F EUDYNA-FLM7785-45F Datasheet
183Kb / 5P
   C-Band Internally Matched FET
FLM7785-4F EUDYNA-FLM7785-4F Datasheet
236Kb / 4P
   C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
   C-Band Internally Matched FET
More results

Similar Description - FLM7785-8F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM7179-18F ETC-FLM7179-18F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5359-12F ETC1-FLM5359-12F Datasheet
298Kb / 4P
   C-Band Internally Matched FET
logo
Eudyna Devices Inc
FLM3135-12F EUDYNA-FLM3135-12F Datasheet
294Kb / 4P
   C-Band Internally Matched FET
FLM3135-18F EUDYNA-FLM3135-18F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM3742-12F EUDYNA-FLM3742-12F Datasheet
296Kb / 4P
   C-Band Internally Matched FET
FLM5359-35F EUDYNA-FLM5359-35F Datasheet
190Kb / 5P
   C-Band Internally Matched FET
FLM6472-25F EUDYNA-FLM6472-25F Datasheet
282Kb / 4P
   C-Band Internally Matched FET
FLM7785-6F EUDYNA-FLM7785-6F Datasheet
235Kb / 4P
   C-Band Internally Matched FET
logo
List of Unclassifed Man...
FLM3439-12F ETC1-FLM3439-12F Datasheet
295Kb / 4P
   C-Band Internally Matched FET
FLM5964-25F ETC1-FLM5964-25F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
FLM5964-12F ETC1-FLM5964-12F Datasheet
285Kb / 4P
   C-Band Internally Matched FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com