Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMPA2151 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FMPA2151
Description  2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FMPA2151 Datasheet(HTML) 2 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.fairchildsemi.com
FMPA2151 Rev. D
PRELIMINARY
Electrical Characteristics(1) 802.11a OFDM Modulation
(with 176 µs burst time, 100 µs idle time) 54 Mbps Data Rate, 16.7 MHz Bandwidth
Absolute Maximum Ratings(4)
Notes:
1. VCC = 3.3V, PA ON 5.5 = 3.3V, TA = 25°C, PA is constantly biased, 50Ω system.
2. Percentage includes system noise floor of EVM = 0.8%.
3. Measured at PIN at which Spectral Mask Compliance is satisfied. Two-sample windowing length applied.
4. No permanent damage with one parameter set at extreme limit. Other parameters set to typical values.
Parameter
Min.
Typ.
Max.
Units
Frequency
4.9
5.9
GHz
Collector Supply Voltage
3.0
3.3
3.6
V
Mirror Supply Voltage (PA ON 5.5)
2.6
3.0
3.6
V
Mirror Supply Current (PA ON 5.5)
0.1
mA
Gain
33
dB
Average Packet Current @ +19dBm Pout
240
mA
EVM @ +19dBm Pout(2) (4.9 to 5.9GHz)
3.5
%
Detector Output @ +19dBm Pout
600
mV
Detector Output @ +7dBm Pout
375
mV
POUT Spectral Mask Compliance(3)
+20
dBm
Symbol
Parameter
Ratings
Units
VCC
Positive Supply Voltage
6
V
ICC
Supply Current
500
mA
PA ON
Positive Bias Voltage
4
V
Pin
RF Input Power
0
dBm
Tcase
Case Operating Temperature
-40 to +85
°C
Tstg
Storage Temperature
-55 to +150
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn