Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1023-4-ACZL-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1023-4-ACZL-TR
Description  1째C Triple Temperature Sensor with Resistance Error Correction
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1023-4-ACZL-TR Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1023-4-ACZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1023-4-ACZL-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SMSC EMC1023
DATASHEET
Revision 1.2 (04-15-05)
Datasheet
EMC1023
1°C Triple Temperature
Sensor with Resistance
Error Correction
General Description
The EMC1023 is a System Management Bus (SMBus)
temperature sensor that is capable of monitoring three
temperature zones. Four unique part numbers can be
ordered, each with a different SMBus Address. The
three temperature zones consist of two external diodes
and one internal monitor.
Extended features include resistance error correction
and ideality factor configuration eliminating both major
sources of temperature measurement error.1 The 11-bit
delta-sigma temperature-to-digital converter provides
superb linearity, excellent noise immunity and
repeatable temperature readings. An extended
temperature format may be selected for compatibility
with a broad range of CPUs. Selectable conversion
rates and standby mode support low-power operation.
Features
Resistance Error Correction
Ideality Factor Configuration
Accepts 2200pF cap for noise suppression
Remote Thermal Zones
±1°C Accuracy (40°C to 80°C)
— 0.125
°C resolution
Internal Thermal Zone
±3°C Accuracy (0°C to 85°C)
— 0.125
°C resolution
Low Power; 3.0V to 3.6V Supply
Four Unique SMBus Addresses Available
Programmable Conversion Rate
MSOP-8 3x3mm Package; Green, Lead-Free
Package also available.
Applications
Desktop and Notebook Computers
Thermostats
Smart batteries
Industrial/Automotive
1.Patents pending.
Simplified Block Diagram
EMC1023
Local Temp
Diode
Switching
Current
SMCLK
Local Temp
Register
Configuration
Register
Status Register
Remote Temp
Register 1
Remote Temp
Register 2
SMDATA
11-bit
delta-sigma
ADC
DP1
DN1
DP2
DN2
Digital Mux
and
Byte Interlock


Similar Part No. - EMC1023-4-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023-4-ACZL-TR SMSC-EMC1023-4-ACZL-TR Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
More results

Similar Description - EMC1023-4-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1023 SMSC-EMC1023_07 Datasheet
431Kb / 19P
   1째C Triple Temperature Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033_07 Datasheet
824Kb / 25P
   1째C Triple SMBus Sensor with Resistance Error Correction
EMC1002 SMSC-EMC1002_06 Datasheet
792Kb / 22P
   1째C Dual SMBus Sensor with Resistance Error Correction
EMC1033 SMSC-EMC1033 Datasheet
514Kb / 4P
   1 C Triple SMBus Sensor with Resistance Error Correction
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1043 SMSC-EMC1043_08 Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
EMC1063 SMSC-EMC1063_08 Datasheet
410Kb / 26P
   1째C Triple Temperature Sensor
EMC1053 SMSC-EMC1053_08 Datasheet
437Kb / 28P
   1째C Triple Temperature Sensor
EMC1002 SMSC-EMC1002 Datasheet
458Kb / 4P
   1C Dual SmBus Sensor with Resistance Error Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com