Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29SL800CBXBC-90G Datasheet(PDF) 23 Page - Macronix International

Part # MX29SL800CBXBC-90G
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29SL800CBXBC-90G Datasheet(HTML) 23 Page - Macronix International

Back Button MX29SL800CBXBC-90G Datasheet HTML 19Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 20Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 21Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 22Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 23Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 24Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 25Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 26Page - Macronix International MX29SL800CBXBC-90G Datasheet HTML 27Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
23
P/N:PM1224
MX29SL800C T/B
REV. 1.0, APR. 20, 2006
NOTES:
1. VIL min. = -1.0V for pulse width is equal to or less than 50 ns.
VIL min. = -2.0V for pulse width is equal to or less than 20 ns.
2. Automatic sleep mode enable the low power mode when addresses remain stable for tACC +30ns.
TABLE 9. DC CHARACTERISTICS TA = -40oC to 85oC, VCC = 1.65V~2.2V
Symbol PARAMETER
MIN.
TYP
MAX.
UNIT
CONDITIONS
ILI
Input Leakage Current
± 1
uA
VIN = VSS to VCC, VCC=VCC max
ILIT
A9, OE#, RESET# Input
35
uA
VCC=VCC max;
Leakage Current
A9, OE#, RESET#=11V
ILO
Output Leakage Current
± 1
uA
VOUT = VSS to VCC, VCC=VCC max
ICC1
VCC Active Read Current
12
mA
CE#=VIL, OE#=VIH @10MHz
6
mA
(Byte Mode)
@5MHz
12
mA
CE#=VIL, OE#=VIH @10MHz
6
mA
(Word Mode)
@5MHz
ICC2
VCC Active write Current
15
25
mA
CE#=VIL, OE#=VIH
ICC3
VCC Standby Current
1
5
uA
VCC=VCC max;
CE#, RESET#= VCC
± 0.3V
ICC4
VCC Standby Current
1
5
uA
RESET#= VSS
± 0.3V
During Reset
ICC5
Automatic sleep mode
1
5
uA
VCC=VCC max;
CE#=VSS
± 0.3V;
RESET#=VCC
± 0.3V;
VIH=VCC
± 0.3V;
VIL=VSS
± 0.3V
VIL
Input Low Voltage(Note 1)
-0.5
0.2xVCC
V
VIH
Input High Voltage
0.7xVCC
VCC+ 0.3
V
VID
Voltage for Automatic
Select, Sector protection
10
10.5
11
V
and Temporary
Sector Unprotected
VOL
Output Low Voltage
0.25
V
IOL = 2.0mA, VCC= VCC min
0.1
V
IOL = 100uA, VCC= VCC min
VOH1
Output High Voltage(TTL)
0.85xVCC
IOH = -2mA, VCC=VCC min
VOH2
Output High Voltage(CMOS)
VCC-0.1
IOH = -100uA, VCC=VCC min


Similar Part No. - MX29SL800CBXBC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29SL800CBXBC90G MCNIX-MX29SL800CBXBC90G Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results

Similar Description - MX29SL800CBXBC-90G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Macronix International
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com