Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29SL800CBXEI-90 Datasheet(PDF) 28 Page - Macronix International

Part # MX29SL800CBXEI-90
Description  8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29SL800CBXEI-90 Datasheet(HTML) 28 Page - Macronix International

Back Button MX29SL800CBXEI-90 Datasheet HTML 24Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 25Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 26Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 27Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 28Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 29Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 30Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 31Page - Macronix International MX29SL800CBXEI-90 Datasheet HTML 32Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
28
P/N:PM1224
MX29SL800C T/B
REV. 1.0, APR. 20, 2006
NOTE:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.
AC CHARACTERISTICS TA = -40oC to 85oC, VCC = 1.65V~2.2V
TABLE 12. Alternate CE# Controlled Erase/Program Operations
Parameter
Speed Options
Std.
Description
90
Unit
tWC
Write Cycle Time (Note 1)
Min
90
ns
tAS
Address Setup Time
Min
0
ns
tAH
Address Hold Time
Min
45
ns
tDS
Data Setup Time
Min
45
ns
tDH
Data Hold Time
Min
0
ns
tOES
Output Enable Setup Time
Min
0
ns
tGHEL
Read Recovery Time Before Write
Min
0
ns
tWS
WE# Setup Time
Min
0
ns
tWH
WE# Hold Time
Min
0
ns
tCP
CE# Pulse Width
Min
45
ns
tCPH
CE# Pulse Width High
Min
30
ns
tWHWH1
Programming
Byte
Typ
12
us
Operation(note2)
Word
Typ
18
us
tWHWH2
Sector Erase Operation (note2)
Typ
1.3
sec


Similar Part No. - MX29SL800CBXEI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29SL800CBXEI90G MCNIX-MX29SL800CBXEI90G Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
More results

Similar Description - MX29SL800CBXEI-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV800CT MCNIX-MX29LV800CT Datasheet
783Kb / 69P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800BT MCNIX-MX29LV800BT Datasheet
749Kb / 63P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV800T MCNIX-MX29LV800T Datasheet
1Mb / 60P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV800AT MCNIX-MX26LV800AT Datasheet
558Kb / 50P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX26LV800T MCNIX-MX26LV800T Datasheet
553Kb / 48P
   8M-BIT [1Mx8/512K x16] CMOS SINGLE VOLTAGE 3V ONLY HIGH SPEED eLiteFlashTM MEMORY
MX29F800T MCNIX-MX29F800T Datasheet
693Kb / 42P
   8M-BIT [1Mx8/512Kx16] CMOS FLASH MEMORY
MX29SL800C-802C MCNIX-MX29SL800C-802C Datasheet
871Kb / 60P
   8M-BIT [1M x 8 / 512K x 16] SINGLE VOLTAGE 1.8V ONLY FLASH MEMORY
logo
ELAN Microelectronics C...
EM39LV088 EMC-EM39LV088 Datasheet
271Kb / 22P
   8M Bits (1Mx8) Flash Memory
logo
Macronix International
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com