Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC1043-5-ACZL-TR Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1043-5-ACZL-TR
Description  1째C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1043-5-ACZL-TR Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1043-5-ACZL-TR Datasheet HTML 1Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 2Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 3Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 4Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 5Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 6Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 7Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 8Page - SMSC Corporation EMC1043-5-ACZL-TR Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
SMSC EMC1043
DATASHEET
Revision 1.37 (09-05-06)
Datasheet
PRODUCT FEATURES
EMC1043
1°C Triple Temperature
Sensor with Beta
Compensation and
Hotter of Two Zones
GENERAL DESCRIPTION
The EMC1043 is a family of System Management Bus
(SMBus) temperature sensors that monitors three
temperature zones, one internal diode and two
externally connected diodes, for PC and embedded
environments. The EMC1043 includes bet a
compensation circuitry to correct for variation in the beta
of measurement transistors. Other extended features
include resistance error correction and ideality factor
configuration to eliminate major sources of temperature
measurement error.1
An added feature to the EMC1043 is a function that
automatically compares the two external temperature
zones and reports the hotter of the two temperatures.
Selectable conversion rates and standby mode support
low-power operation. The temperature measurement
ranges support two data ranges (and formats), -64°C to
+127°C and -64°C to +191°C.
APPLICATIONS
Desktop and Notebook Computers
Hardware Management
Servers
Embedded Applications
FEATURES
Supports two External Temperature Diodes
±1°C Accuracy (40°C to 80°C)
— 0.125
°C Resolution
— Ideality Factor Configuration
— Accepts 2200pF Cap Across External Diodes for Noise
Suppression
— Optional Resistive Error Correction on External Diode 2
— Resistive Error Correction (up to 100 Ohms)
— Beta Compensation
Internal Temperature Diode
±3°C Accuracy (0°C to 85°C)
— 0.125
°C Resolution
Low Power Operation
— 4uA Standby Current
3.0V to 3.6V Supply
Programmable Conversion Rate
SMBus 2.0 Compliant
— Four SMBus Address Available
Reports Hotter of Two Diodes with Dual-core CPU
SIMPLIFIED BLOCK DIAGRAM
1.Patents pending
Local Temp
Diode
Switching
Current
SMCLK
Internal Diode
Register
Configuration
Register
Status Register
External Diode
1 Register
External Diode
2 Register
SMDATA
11-bit
delta-sigma
ADC
DP1
DN1
DP2
DN2
Digital Mux
and
Byte Interlock


Similar Part No. - EMC1043-5-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043-5-ACZL-TR SMSC-EMC1043-5-ACZL-TR Datasheet
593Kb / 29P
   1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1043-5-ACZL-TR SMSC-EMC1043-5-ACZL-TR Datasheet
443Kb / 29P
   1째C Triple Temperature Sensor
More results

Similar Description - EMC1043-5-ACZL-TR

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1043 SMSC-EMC1043_07 Datasheet
593Kb / 29P
   1C Triple Temperature Sensor with Beta Compensation and Hotter of Two Zones
EMC1046 SMSC-EMC1046 Datasheet
574Kb / 36P
   1째C Multiple Temperature Sensor with Beta Compensation and Hottest of Thermal Zones
EMC1063 SMSC-EMC1063 Datasheet
551Kb / 26P
   1C Triple Temperature Sensor with Hotter of Two Zones
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
EMC1402 SMSC-EMC1402_12 Datasheet
671Kb / 40P
   1째C Temperature Sensor with Beta Compensation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1053 SMSC-EMC1053_07 Datasheet
574Kb / 26P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
EMC1053 SMSC-EMC1053 Datasheet
415Kb / 24P
   1C Triple Temperature Sensor with Resistance Error Correction and Hotter of Two Zones
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com