Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX69F162 Datasheet(PDF) 11 Page - Macronix International

Part # MX69F162
Description  16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX69F162 Datasheet(HTML) 11 Page - Macronix International

Back Button MX69F162 Datasheet HTML 7Page - Macronix International MX69F162 Datasheet HTML 8Page - Macronix International MX69F162 Datasheet HTML 9Page - Macronix International MX69F162 Datasheet HTML 10Page - Macronix International MX69F162 Datasheet HTML 11Page - Macronix International MX69F162 Datasheet HTML 12Page - Macronix International MX69F162 Datasheet HTML 13Page - Macronix International MX69F162 Datasheet HTML 14Page - Macronix International MX69F162 Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
11
P/N:PM1083
MX69F162/164C3BT/B
REV. 0.2, MAY 20, 2004
In read modes, RESET#-low deselects the memory,
places output drivers in a high-impedance state and turns
off all internal circuits. RESET# must be held low for a
minimum of 100ns. Time tPHQV is required after return
from reset mode until initial memory access outputs are
valid. After this wake-up interval tPHEL or tPHWL, nor-
mal operation is restored. The CUI is reset to read array
mode and status register is set to 80H. Sector lock bit is
set at lock status.
During sector erase, word write or sector lock/unlock
modes, RESET#-low will abort the operation. Memory con-
tents being altered are no longer valid; the data may be
partially erased or written.
In addition, CUI will go into either array read mode or
erase/write interrupted mode. When power is up and the
device reset subsequently, it is necessary to read sta-
tus register in order to assure the status of the device.
Recognizing status register (SR.7~0) will assure if the
device goes back to normal reset and enters array read
mode.
2.5 Read Configuration Codes
The read configuration codes operation outputs the manu-
facturer code, device code, sector lock configuration
codes, and the protection register. Using the manufac-
turer and device codes, the system CPU can automati-
cally match the device with its proper algorithms. The
sector lock codes identify locked and unlocked sectors.
2.6 Write
Writing commands to the CUI enable reading of device
data and identifier codes. They also control inspection
and clearing of the status register. When VCCf=2.7V-
3.6V and VPP within VPP1 or VPP2 range, the CUI ad-
ditionally controls sector erase, word write and sector
lock/unlock.
The Sector Erase command requires appropriate com-
mand data and an address within the sector to be erased.
The Full Chip Erase command requires appropriate com-
mand data and an address within the device. The Word
Write command requires the command and address of
the location to be written. Set Sector lock/unlock com-
mands require the command and address within the de-
vice or sector within the device (Sector Lock) to be locked.
The Clear Sector Lock-Bits command requires the com-
mand and address within the device.
The CUI does not occupy an addressable memory loca-
tion. It is written when WEf# and CEf# are active (which-
ever goes high first). The address and data needed to
execute a command are latched on the rising edge of
WEf# or CEf#. Standard microprocessor write timings are
used.


Similar Part No. - MX69F162

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3BXBI-70 MCNIX-MX69F1602C3BXBI-70 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3BXBI-90 MCNIX-MX69F1602C3BXBI-90 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3T MCNIX-MX69F1602C3T Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
MX69F1602C3TB MCNIX-MX69F1602C3TB Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
More results

Similar Description - MX69F162

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX69F1602 MCNIX-MX69F1602 Datasheet
462Kb / 51P
   16M-BIT [X16] FLASH AND 2M-BIT/4M-BIT [X16] SRAM MIXED MULTI CHIP PACKAGE MEMORY
logo
Samsung semiconductor
K8D1716UTB SAMSUNG-K8D1716UTB Datasheet
482Kb / 40P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
K8D1716UTC SAMSUNG-K8D1716UTC Datasheet
1Mb / 41P
   16M Bit (2M x8/1M x16) Dual Bank NOR Flash Memory
logo
SPANSION
MB84VD22386EJ SPANSION-MB84VD22386EJ Datasheet
1Mb / 63P
   32M (X16) FLASH MEMORY 16M (X16) SRAM Interface FCRAM
logo
Fujitsu Component Limit...
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Samsung semiconductor
K8S6415ETB SAMSUNG-K8S6415ETB Datasheet
905Kb / 39P
   64M Bit (4M x16) Muxed Burst , Multi Bank NOR Flash Memory
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Macronix International
MX29F1610A MCNIX-MX29F1610A Datasheet
669Kb / 39P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
MX29F1615 MCNIX-MX29F1615 Datasheet
337Kb / 26P
   16M-BIT [2M x8/1M x16] CMOS SINGLE VOLTAGE FLASH EEPROM
logo
Sharp Corporation
LRS1383F SHARP-LRS1383F Datasheet
3Mb / 44P
   FLASH MEMORY 32M (X16) FLASH MEMORY 8M (X16) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com