Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1070 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # CC1070
Description  Single Chip Low Power RF Transmitter for Narrowband Systems
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1070 Datasheet(HTML) 26 Page - Texas Instruments

Back Button CC1070 Datasheet HTML 22Page - Texas Instruments CC1070 Datasheet HTML 23Page - Texas Instruments CC1070 Datasheet HTML 24Page - Texas Instruments CC1070 Datasheet HTML 25Page - Texas Instruments CC1070 Datasheet HTML 26Page - Texas Instruments CC1070 Datasheet HTML 27Page - Texas Instruments CC1070 Datasheet HTML 28Page - Texas Instruments CC1070 Datasheet HTML 29Page - Texas Instruments CC1070 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
CC1070
SWRS043
Page 26 of 58
12.4 TX Data Latency
The transmitter will add a delay due to the
synchronization of the data with DCLK and
further clocking into the modulator. The
user should therefore add a delay
equivalent to at least 2 bits after the data
payload has been transmitted before
switching off the PA (i.e. before stopping
the transmission).
12.5 Reducing Spurious Emission and Modulation Bandwidth
Modulation
bandwidth
and
spurious
emission are normally measured with the
PA continuously on and a repeated test
sequence.
In cases where the modulation bandwidth
and spurious emission are measured with
the
CC1070 switching from power down
mode to TX mode, a PA ramping
sequence could be used to minimize
modulation
bandwidth
and
spurious
emission.
PA ramping should then be used both
when switching the PA on and off. A linear
PA ramping sequence can be used where
register PA_POWER is changed from 00h
to 0Fh and then from 50h to the register
setting, which gives the desired output
power (e.g. C0h for +5 dBm output power
at 868 MHz operation). The longer the
time per PA ramping step the better, but
setting the total PA ramping time equal to
2 bit periods is a good compromise
between performance and PA ramping
time.
13 Output Matching and Filtering
When designing the impedance matching
network for the
CC1070 the circuit must be
matched
correctly
at
the
harmonic
frequencies as well as at the fundamental
tone. A recommended matching network
is shown in Figure 14. Component values
for various frequencies are given in Table
15.
Component
values
for
other
frequencies can be found using the
SmartRF® Studio software.
It is important to remember that the
physical layout and the components used
contribute significantly to the reflection
coefficient,
especially
at
the
higher
harmonics. For this reason, the frequency
response of the matching network should
be measured and compared to the
response of the Chipcon reference design.
Refer to Figure 15 and Table 16 as well as
Figure 16 and Table 17.
A recommended application circuit is
available from the Chipcon web site
(CC1070EM).
Item
433 MHz
868 MHz
915 MHz
C2
2.2 pF, 5%, NP0, 0402
1.5 pF, 5%, NP0, 0402
1.5 pF, 5%, NP0, 0402
C3
5.6 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
10 pF, 5%, NP0, 0402
C60
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
220 pF, 5%, NP0, 0402
C71
4.7 pF, 5%, NP0, 0402
3.3 pF, 5%, NP0, 0402
3.3 pF, 5%, NP0, 0402
L2
22 nH, 5%, 0402
6.8 nH, 5%, 0402
6.8 nH, 5%, 0402
L70
47 nH, 5%, 0402
12 nH, 5%, 0402
12 nH, 5%, 0402
L71
47 nH, 5%, 0402
12 nH, 5%, 0402
12 nH, 5%, 0402
R6
82
Ω, 5%, 0402
82
Ω, 5%, 0402
82
Ω, 5%, 0402
Table 15. Component values for the matching network described in Figure 14 (DNM = Do
Not Mount).


Similar Part No. - CC1070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1070DK-433 TI-CC1070DK-433 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070DK-868 TI-CC1070DK-868 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070DK-915 TI-CC1070DK-915 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1070RGWR TI-CC1070RGWR Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
More results

Similar Description - CC1070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1070 TI-CC1070_12 Datasheet
1,008Kb / 57P
[Old version datasheet]   Single Chip Low Power RF Transmitter for Narrowband Systems
CC1021 TI-CC1021 Datasheet
959Kb / 92P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021RSSR TI-CC1021RSSR Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI1-CC1021_16 Datasheet
2Mb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1020 TI-CC1020 Datasheet
970Kb / 91P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1021 TI-CC1021_12 Datasheet
1Mb / 94P
[Old version datasheet]   Single Chip Low Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
[Old version datasheet]   High Performance RF Transmitter for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power RF Transceiver for Narrowband Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com