Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD54ACT109 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. CD54ACT109
Description  DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

CD54ACT109 Datasheet(HTML) 4 Page - Texas Instruments

  CD54ACT109 Datasheet HTML 1Page - Texas Instruments CD54ACT109 Datasheet HTML 2Page - Texas Instruments CD54ACT109 Datasheet HTML 3Page - Texas Instruments CD54ACT109 Datasheet HTML 4Page - Texas Instruments CD54ACT109 Datasheet HTML 5Page - Texas Instruments CD54ACT109 Datasheet HTML 6Page - Texas Instruments CD54ACT109 Datasheet HTML 7Page - Texas Instruments CD54ACT109 Datasheet HTML 8Page - Texas Instruments CD54ACT109 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CD54ACT109, CD74ACT109
DUAL J-K POSITIVE-EDGE-TRIGGERED FLIP-FLOPS
WITH CLEAR AND PRESET
SCHS327 – JANUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–55
°C to
125
°C
–40
°C to
85
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
100
114
MHz
tPLH
CLK
QQ
2.6
10.3
2.7
9.4
ns
tPLH
CLR or PRE
Q or Q
3.1
12.2
3.2
11.1
ns
tPHL
CLK
QorQ
2.6
10.3
2.7
9.4
ns
tPHL
CLR or PRE
Q or Q
3.1
12.2
3.2
11.1
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
56
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn