Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI49FCT3802QE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI49FCT3802QE
Description  1:5/1:7 Clock Buffer for Networking Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT3802QE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI49FCT3802QE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT3802QE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT3802QE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT3802QE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT3802QE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT3802QE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8559A
09/14/04
PI49FCT3802/PI49FCT3803
1:5/1:7 Clock Buffers
for Networking Applications
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at VDD = 3.3V, +25°C ambient.
3. Per TTL driven input (VIN = VDD – 0.6V); all other inputs at VDD or GND.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1)
Description
Test Conditions
Typ
Max.
Units
CIN
Input Capacitance
VIN = 0V
3.0
4
pF
COUT
Output Capacitance
VOUT = 0V
6
Note:
1. This parameter is determined by device characterization but is not production tested.
Power Supply Characteristics
Parameters
Description
Test Conditions
Min.
Typ.(2) Max. Units
IDDQ
Quiescent Power Supply Current
VDD = Max.
VIN = GND or VDD
0.1
30
µA
∆IDD
Supply Current per Inputs
@ TTL High
VDD = Max.
VIN = VDD -0.6V(3)
47
300
IDD
Dynamic Supply Current
VDD = 3.6V,
No load
50 MHz
43
mA
67 MHz
56
80 MHz
66
100 MHz
81
125 MHz
97
156 Mhz
121
Notes:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew measured at worse cast temperature (max. temp).
4. Identical conditions: loading, transitions, supply voltage, temperature, package type and speed grade.
Switching Characteristics (VDD = 3.3V ± 0.3V, TA = 85°C)
Parameters
Desciription
Test Conditions Min. Typ. Max. Units
tR/tF
CLKn Rise/Fall Time 0.8V ~ 2.0V
CL = 15pF,
125 Mhz
0.7
1.0
ns
tPLH
tPHL
Propagation Delay BUF_IN to CLKn
1.0
2.2
2.5
tsk(o)(3)
Skew between two outputs of the same package (same
transition)
110
250
ps
tsk(p)(3)
Skew between opposite transitions (tPHL - tPLH) of the same
output
200
250
tsk(t)(3)
Skew between two outputs of different packages(4)
0.55
ns


Similar Part No. - PI49FCT3802QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804AS PERICOM-PI49FCT3804AS Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804ASE PERICOM-PI49FCT3804ASE Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804S PERICOM-PI49FCT3804S Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3804SE PERICOM-PI49FCT3804SE Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
More results

Similar Description - PI49FCT3802QE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT20802 PERICOM-PI49FCT20802_11 Datasheet
749Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802 PERICOM-PI49FCT20802 Datasheet
161Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT20802QEX PERICOM-PI49FCT20802QEX Datasheet
585Kb / 7P
   1:5/1:7 2.5V Clock Buffer for Networking Applications
PI49FCT3807D PERICOM-PI49FCT3807D Datasheet
448Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807 Datasheet
163Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI49FCT20807 PERICOM-PI49FCT20807_14 Datasheet
326Kb / 6P
   1-10 Clock Buffer for Networking Applications
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C10807 PERICOM-PI6C10807 Datasheet
355Kb / 7P
   1.8V/2.5V, 250MHz, 1:10 Networking Clock Buffer
PI6C10804 PERICOM-PI6C10804 Datasheet
517Kb / 6P
   1.8V/2.5V, 250MHz, 1:4 Networking Clock Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com